Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

0603SFP300F Datasheet(PDF) 15 Page - Tyco Electronics

Part # 0603SFP300F
Description  Surface-mount Fuses Fundamentals
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

0603SFP300F Datasheet(HTML) 15 Page - Tyco Electronics

Back Button 0603SFP300F Datasheet HTML 11Page - Tyco Electronics 0603SFP300F Datasheet HTML 12Page - Tyco Electronics 0603SFP300F Datasheet HTML 13Page - Tyco Electronics 0603SFP300F Datasheet HTML 14Page - Tyco Electronics 0603SFP300F Datasheet HTML 15Page - Tyco Electronics 0603SFP300F Datasheet HTML 16Page - Tyco Electronics 0603SFP300F Datasheet HTML 17Page - Tyco Electronics 0603SFP300F Datasheet HTML 18Page - Tyco Electronics 0603SFP300F Datasheet HTML 19Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 28 page
background image
89
11
Available in industry standard 1206 and 0603 chip sizes,
TE
Circuit
Protection’s
slow-blow
chip
fuses
help
provide
overcurrent
protection
on
systems
that
experience large and frequent current surges as part of
their normal operation.
The slow-blow chip fuse’s monolithic, multilayer design
helps provide some of the highest current ratings
available in the 1206 and 0603 footprints and enhances
high-temperature performance in a wide range of circuit
protection
designs.
The
devices’
small
size,
high
reliability and strong arc suppression characteristics
make them suitable for overcurrent protection of power
supplies, capacitor filter banks, LCD (Liquid Crystal
Display)
backlight
inverters,
electric
motors
and
portable electronics.
• Time-delayed design prevents nuisance openings
in pulsed and high inrush current applications
• Small size with high-current ratings
• Strong arc suppression characteristics
• Lead free materials and RoHS compliant
• Halogen free
(refers to: Br
900ppm, Cl
900ppm, Br+Cl
1500ppm)
• Monolithic multilayer design
• High-temperature performance
• -55°C to +125°C operating temperature range
• Small motors systems
• Portable electronics
• Input power ports
Benefits
Features
Applications
• Power over Ethernet (POE)
• Test equipment
• POL converter protection
• Computer drives
• Displays
• Printers
Surface-mount Fuses
Slow-Blow Chip Fuses



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com