Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

0603SFP300F Datasheet(PDF) 12 Page - Tyco Electronics

Part # 0603SFP300F
Description  Surface-mount Fuses Fundamentals
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

0603SFP300F Datasheet(HTML) 12 Page - Tyco Electronics

Back Button 0603SFP300F Datasheet HTML 8Page - Tyco Electronics 0603SFP300F Datasheet HTML 9Page - Tyco Electronics 0603SFP300F Datasheet HTML 10Page - Tyco Electronics 0603SFP300F Datasheet HTML 11Page - Tyco Electronics 0603SFP300F Datasheet HTML 12Page - Tyco Electronics 0603SFP300F Datasheet HTML 13Page - Tyco Electronics 0603SFP300F Datasheet HTML 14Page - Tyco Electronics 0603SFP300F Datasheet HTML 15Page - Tyco Electronics 0603SFP300F Datasheet HTML 16Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 28 page
background image
86
RoHS Compliant, ELV Compliant
HF Halogen Free
11
0.1
10
1
100
10
1
0.1
0.01
0.001
Current (A)
1206SFF Average Time Current Curves
10000
1000
100
10
1
0.1
0.01
0.001
Time (s)
1206SFF I²t vs. t Curves
0.001
0.01
0.1
1
10
0.5A
0.75A
1.0A
1.5A
1.75A
2.0A
2.5A
3.0A
4.0A
5.0A
6.0A
7.0A
8.0A
Figure FF6
Figure FF5
Note: Curves are nominal
Please go to page 97 for more information for Fast-Acting Chip Fuses.
Figure FF1-FF6 Family Performance Curves for Fast-Acting Chip Fuses
Cont’d



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com