Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

0603SFP300F Datasheet(PDF) 27 Page - Tyco Electronics

Part # 0603SFP300F
Description  Surface-mount Fuses Fundamentals
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

0603SFP300F Datasheet(HTML) 27 Page - Tyco Electronics

Back Button 0603SFP300F Datasheet HTML 20Page - Tyco Electronics 0603SFP300F Datasheet HTML 21Page - Tyco Electronics 0603SFP300F Datasheet HTML 22Page - Tyco Electronics 0603SFP300F Datasheet HTML 23Page - Tyco Electronics 0603SFP300F Datasheet HTML 24Page - Tyco Electronics 0603SFP300F Datasheet HTML 25Page - Tyco Electronics 0603SFP300F Datasheet HTML 26Page - Tyco Electronics 0603SFP300F Datasheet HTML 27Page - Tyco Electronics 0603SFP300F Datasheet HTML 28Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 27 / 28 page
background image
101
RoHS Compliant, ELV Compliant
HF Halogen Free
11
Part Numbering System for 2410 Very Fast-Acting Fuses
2410 SF V 6.30 FM / 125 -2
Packaging
-2
= Tape and Reel
Voltage Rating
125 = 125V
DC
Special Code
F
= RoHS Compliant
M
= Marked Part
Rated Current
6.30= 6.30 Amps
Fuse Blow Type
V
= Very Fast Acting
SF = Surface Mount Fuse
Size (0.24*0.10 inch)
Warning :
All information, including illustrations, is believed to be accurate and reliable. Users, however, should independently evaluate the suitability of and
test each product selected for their application. Tyco Electronics Corporation and/or its Affiliates in the TE Connectivity Ltd. family of companies
(“TE”) makes no warranties as to the accuracy or completeness of the information, and disclaims any liability regarding its use. TE’s only obligations
are those in the TE Standard Terms and Conditions of Sale for this product, and in no case will TE be liable for any incidental, indirect, or
consequential damages arising from the sale, resale, use, or misuse of the product. Specifications are subject to change without notice. In
addition, TE reserves the right to make changes to materials or processing that do not affect compliance with any applicable specification without
notification to Buyer.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com