Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

0603SFP300F Datasheet(PDF) 4 Page - Tyco Electronics

Part # 0603SFP300F
Description  Surface-mount Fuses Fundamentals
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

0603SFP300F Datasheet(HTML) 4 Page - Tyco Electronics

  0603SFP300F Datasheet HTML 1Page - Tyco Electronics 0603SFP300F Datasheet HTML 2Page - Tyco Electronics 0603SFP300F Datasheet HTML 3Page - Tyco Electronics 0603SFP300F Datasheet HTML 4Page - Tyco Electronics 0603SFP300F Datasheet HTML 5Page - Tyco Electronics 0603SFP300F Datasheet HTML 6Page - Tyco Electronics 0603SFP300F Datasheet HTML 7Page - Tyco Electronics 0603SFP300F Datasheet HTML 8Page - Tyco Electronics 0603SFP300F Datasheet HTML 9Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
78
RoHS Compliant, ELV Compliant
HF Halogen Free
11
% of rated current
Clear time at 25°C
100%
4 hours (min.)
200%
1 seconds (min.)
60 seconds (max.)
1000%
0.0002 second (min.)
0.02 seconds (max.)
0603SFP100F/32-2
1.0
0.210
0.080
32
50
0603SFP150F/32-2
1.5
0.101
0.11
32
50
0603SFP200F/32-2
2.0
0.057
0.24
32
50
0603SFP250F/32-2
2.5
0.042
0.56
32
50
0603SFP300F/32-2
3.0
0.030
0.72
32
50
0603SFP350F/32-2
3.5
0.022
1.10
32
50
0603SFP400F/32-2
4.0
0.018
2.08
32
50
0603SFP450F/32-2
4.5
0.014
2.63
32
50
0603SFP500F/32-2
5.0
0.013
3.25
32
50
1206SFP100F/63-2
1.0
0.340
0.11
63
50
1206SFP150F/63-2
1.5
0.150
0.33
63
50
1206SFP200F/63-2
2.0
0.090
0.80
63
50
1206SFP250F/32-2
2.5
0.070
1.19
32
50
1206SFP300F/32-2
3.0
0.035
1.35
32
50
1206SFP350F/32-2
3.5
0.029
1.84
32
50
1206SFP400F/32-2
4.0
0.023
2.74
32
50
1206SFP450F/32-2
4.5
0.021
3.20
32
50
1206SFP500F/32-2
5.0
0.017
5.50
32
50
* Measured at
10% of rated current and 25°C ambient temperature.
† Melting I2t at 0.001 sec clear time.
0603 (1608 mm) Pulse Tolerant Chip Fuses
1206 (3216 mm) Pulse Tolerant Chip Fuses
A
B
C
D
Shape and Dimensions
mm (Inch)
Table FP1 Clear Time Characteristics for Pulse Tolerant Chip Fuses
Table FP2 Typical Electrical Characteristics and Dimensions for Pulse Tolerant Chip Fuses
Part Number
Rated
Current
(A)
Nominal
Cold DCR
(
Ω)*
Voltage
(VDC)
Current
(A)
Nominal
I2t
(A2sec)†
Typical
Electrical Characteristics
Max.
Interrupt Ratings
Part Number
Rated
Current
(A)
Nominal
Cold DCR
(
Ω)*
Voltage
(VDC)
Current
(A)
Nominal
I2t
(A2sec)†
Typical
Electrical Characteristics
Max.
Interrupt Ratings
AB
C
D
Min
Max
Min
Max
Min
Max
Min
Max
mm
1.45
1.75
0.65
0.95
0.21
0.51
0.65
0.95
in
(0.057) (0.069)
(0.026) (0.037)
(0.008) (0.020)
(0.026) (0.037)
AB
C
D
Min
Max
Min
Max
Min
Max
Min
Max
mm
3.00
3.40
0.77
1.17
0.26
0.76
1.40
1.80
in
(0.118) (0.134)
(0.030) (0.046)
(0.010) (0.030)
(0.055) (0.071)
A
B
C
D
Shape and Dimensions
mm (Inch)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com