Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

0603SFP300F Datasheet(PDF) 8 Page - Tyco Electronics

Part # 0603SFP300F
Description  Surface-mount Fuses Fundamentals
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

0603SFP300F Datasheet(HTML) 8 Page - Tyco Electronics

Back Button 0603SFP300F Datasheet HTML 4Page - Tyco Electronics 0603SFP300F Datasheet HTML 5Page - Tyco Electronics 0603SFP300F Datasheet HTML 6Page - Tyco Electronics 0603SFP300F Datasheet HTML 7Page - Tyco Electronics 0603SFP300F Datasheet HTML 8Page - Tyco Electronics 0603SFP300F Datasheet HTML 9Page - Tyco Electronics 0603SFP300F Datasheet HTML 10Page - Tyco Electronics 0603SFP300F Datasheet HTML 11Page - Tyco Electronics 0603SFP300F Datasheet HTML 12Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
82
RoHS Compliant, ELV Compliant
HF Halogen Free
11
% of rated current
Clear time at 25°C
100%
4 hours (min.)
200%
0.01 second (min.)
5 seconds (max.)
300%
0.001 second (min.)
0.2 seconds (max.)
0603SFV050F/32-2
0.5
0.860
0.0093
32
50
0603SFV075F/32-2
0.8
0.450
0.0191
32
50
0603SFV100F/32-2
1.0
0.280
0.0360
32
50
0603SFV125F/32-2
1.3
0.205
0.0630
32
35
0603SFV150F/32-2
1.5
0.143
0.0950
32
35
0603SFV175F/32-2
1.8
0.095
0.1400
32
35
0603SFV200F/32-2
2.0
0.073
0.2100
32
35
0603SFV250F/32-2
2.5
0.046
0.3000
32
35
0603SFV300F/32-2
3.0
0.039
0.4600
32
35
0603SFV350F/32-2
3.5
0.028
0.7300
32
35
0603SFV400F/32-2
4.0
0.023
1.1500
32
35
0603SFV450F/32-2
4.5
0.019
1.6800
32
35
0603SFV500F/32-2
5.0
0.015
2.6200
32
35
* Measured at 10% of rated current and 25°C
Part Number
0603 (1608 mm) Very Fast-Acting Chip Fuses
A
B
C
D
Shape and Dimensions
mm (Inch)
Table FV1 Clear Time Characteristics for Very Fast-Acting Chip Fuses
Table FV2 Typical Electrical Characteristics and Dimensions for Very Fast-Acting Chip Fuses
Rated
Current
(A)
Nominal
Cold DCR
(
Ω)*
Voltage
(VDC)
Current
(A)
Nominal
I2t
(A2sec)
Typical Electrical Characteristics
Max. Interrupt Ratings
Please go to page 97 for more information for Very Fast-Acting Chip Fuses.
1
100
10
100
10
1
0.1
0.01
0.001
0.0001
Current (A)
0603SFV Average Time Current Curves
0603SFV I²t vs. t Curves
Time (s)
1000
100
10
1
0.1
0.01
0.001
0.0001
0.0001
0.001
0.1
0.01
1
10
5.00A
4.50A
4.00A
3.50A
3.00A
2.50A
2.00A
1.75A
0.75A
0.05A
1.25A
1.50A
1.00A
Figure FV2
Figure FV1
Note: Curves are nominal
Figure FV1-FV2 Family Performance Curves for Very Fast-Acting Chip Fuses
AB
C
D
Min
Max
Min
Max
Min
Max
Min
Max
mm
1.45
1.75
0.22
0.48
0.21
0.51
0.65
0.95
in
(0.057) (0.069)
(0.009) (0.019)
(0.008) (0.020)
(0.025) (0.037)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com