Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD166019T1F Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # UPD166019T1F
Description  Single P-Channel High-Side Intelligent Power Device
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD166019T1F Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button UPD166019T1F Datasheet HTML 4Page - Renesas Technology Corp UPD166019T1F Datasheet HTML 5Page - Renesas Technology Corp UPD166019T1F Datasheet HTML 6Page - Renesas Technology Corp UPD166019T1F Datasheet HTML 7Page - Renesas Technology Corp UPD166019T1F Datasheet HTML 8Page - Renesas Technology Corp UPD166019T1F Datasheet HTML 9Page - Renesas Technology Corp UPD166019T1F Datasheet HTML 10Page - Renesas Technology Corp UPD166019T1F Datasheet HTML 11Page - Renesas Technology Corp UPD166019T1F Datasheet HTML 12Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
PD166019T1F
Preliminary
R07DS0730EJ0100 Rev.1.00
Page 8 of 16
Apr 25, 2012
Typical Short Circuit Detection Current Characteristics
The short circuit detection current changes according VCC voltage and Von voltage for the purpose of to be strength of
the robustness under short circuit condition.
IL(SC) - Von
IL(SC) - VCC
Ta = 25°C
Ta = 25°C
0
50
100
150
200
0
5
10
15
20
Von [V]
510
15
20
VCC [V]
VCC = 9 V
Von = 3 V
Von = 9 V
VCC = 16 V
IL(SC) [A]
0
50
100
150
200
IL(SC) [A]
VCC = 7 V
Driving Capability
The
PD166019 can drive above 215 m, equivalent with 65 W bulb as load resistibility include load itself, wire
harness, contact resistance of connector, wiring resistibility of PCB at VCC = 9 to 16 V, Tch = 25°C condition.
Over-Temperature Protection
The output is switched off if over-temperature is detected. The device switches on again after it cools down.
ΔTth
Tth
Tch
IOL output
(= IOL × RIN)
VIN
0
VOUT/IL
t



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com