Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD166019T1F Datasheet(PDF) 12 Page - Renesas Technology Corp

Part # UPD166019T1F
Description  Single P-Channel High-Side Intelligent Power Device
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD166019T1F Datasheet(HTML) 12 Page - Renesas Technology Corp

Back Button UPD166019T1F Datasheet HTML 8Page - Renesas Technology Corp UPD166019T1F Datasheet HTML 9Page - Renesas Technology Corp UPD166019T1F Datasheet HTML 10Page - Renesas Technology Corp UPD166019T1F Datasheet HTML 11Page - Renesas Technology Corp UPD166019T1F Datasheet HTML 12Page - Renesas Technology Corp UPD166019T1F Datasheet HTML 13Page - Renesas Technology Corp UPD166019T1F Datasheet HTML 14Page - Renesas Technology Corp UPD166019T1F Datasheet HTML 15Page - Renesas Technology Corp UPD166019T1F Datasheet HTML 16Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
PD166019T1F
Preliminary
R07DS0730EJ0100 Rev.1.00
Page 12 of 16
Apr 25, 2012
Typical Characteristics
LOW LEVEL INPUT CURRENT vs.
AMBIENT TEMPERATURE
INPUT VOLTAGE FOR TURN-ON vs.
AMBIENT TEMPERATURE
INPUT VOLTAGE FOR TURN-OFF vs.
AMBIENT TEMPERATURE
CIRCUIT CURRENT vs.
AMBIENT TEMPERATURE
ON STATE RESISTANCE vs.
AMBIENT TEMPERATURE
ON STATE RESISTANCE vs.
AMBIENT TEMPERATURE
0
1
2
3
4
5
0
1
2
3
4
5
Ambient Temperature Ta [°C]
00
10
20
30
10
20
30
–30
–10
0
–20
–2.0
–0.5
–1.0
0
–1.5
–50
50
150
200
0
100
–50
50
150
200
0100
Ambient Temperature Ta [°C]
Ambient Temperature Ta [°C]
–50
50
150
200
0
100
–50
50
150
200
0100
Ambient Temperature Ta [°C]
Ambient Temperature Ta [°C]
–50
50
150
200
0
100
–50
50
150
200
0100
Ambient Temperature Ta [°C]
VCC = 12 V
VCC = 12 V
IL ≤ 1 mA
VCC = 12 V
VIN = 4.5 V
VON = 0.16 V
IL = 7.5 A
VCC = 12 V
VIN = 12 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com