Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD166019T1F Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # UPD166019T1F
Description  Single P-Channel High-Side Intelligent Power Device
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD166019T1F Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button UPD166019T1F Datasheet HTML 9Page - Renesas Technology Corp UPD166019T1F Datasheet HTML 10Page - Renesas Technology Corp UPD166019T1F Datasheet HTML 11Page - Renesas Technology Corp UPD166019T1F Datasheet HTML 12Page - Renesas Technology Corp UPD166019T1F Datasheet HTML 13Page - Renesas Technology Corp UPD166019T1F Datasheet HTML 14Page - Renesas Technology Corp UPD166019T1F Datasheet HTML 15Page - Renesas Technology Corp UPD166019T1F Datasheet HTML 16Page - Renesas Technology Corp UPD166019T1F Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
PD166019T1F
Preliminary
R07DS0730EJ0100 Rev.1.00
Page 13 of 16
Apr 25, 2012
UNDER VOLTAGE SHUTDOWN vs.
AMBIENT TEMPERATURE
UNDER VOLTAGE RESTART vs.
AMBIENT TEMPERATURE
OUTPUT CURRENT IN FAULT CONDITION vs.
AMBIENT TEMPERATURE
ON STATE RESISTANCE vs.
INPUT VOLTAGE
0
1
2
3
4
5
0
1
2
3
4
5
0
10
20
30
40
50
–500
–400
–200
0
–300
–100
06
8
24
Input Voltage VIN [V]
Ambient Temperature Ta [°C]
–50
50
150
200
0
100
–50
50
150
200
0100
Ambient Temperature Ta [°C]
–50
50
150
200
0100
Ambient Temperature Ta [°C]
VCC = 12 V
Ta = 25°C
VCC = 7 V
VIN = 7 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com