Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD166019T1F Datasheet(PDF) 14 Page - Renesas Technology Corp

Part # UPD166019T1F
Description  Single P-Channel High-Side Intelligent Power Device
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD166019T1F Datasheet(HTML) 14 Page - Renesas Technology Corp

Back Button UPD166019T1F Datasheet HTML 10Page - Renesas Technology Corp UPD166019T1F Datasheet HTML 11Page - Renesas Technology Corp UPD166019T1F Datasheet HTML 12Page - Renesas Technology Corp UPD166019T1F Datasheet HTML 13Page - Renesas Technology Corp UPD166019T1F Datasheet HTML 14Page - Renesas Technology Corp UPD166019T1F Datasheet HTML 15Page - Renesas Technology Corp UPD166019T1F Datasheet HTML 16Page - Renesas Technology Corp UPD166019T1F Datasheet HTML 17Page - Renesas Technology Corp UPD166019T1F Datasheet HTML 18Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 14 / 18 page
background image
PD166019T1F
Preliminary
R07DS0730EJ0100 Rev.1.00
Page 14 of 16
Apr 25, 2012
Thermal Characteristics
0.001
0.01
0.1
1
10
100
1000
Pulse Width PW [s]
TRANSIENT THERMAL RESISTANCE vs. PULSE WIDTH
0.1
1
10
100
1000
Rth(ch-a) = 55.0°C/W
Rth(ch-c) = 3.17°C/W
Single Avalanche Current vs. Inductive Load
1.0E-05
1.0E-04
1.0E-03
1.0E-02
Inductive Load L [H]
SINGLE AVALANCHE CURRENT vs. INDUCTIVE LOAD
1
10
100
1000
VDD = 20 V
VGS = 20 V → 0
RG = 25 Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com