Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD166019T1F Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # UPD166019T1F
Description  Single P-Channel High-Side Intelligent Power Device
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD166019T1F Datasheet(HTML) 1 Page - Renesas Technology Corp

  UPD166019T1F Datasheet HTML 1Page - Renesas Technology Corp UPD166019T1F Datasheet HTML 2Page - Renesas Technology Corp UPD166019T1F Datasheet HTML 3Page - Renesas Technology Corp UPD166019T1F Datasheet HTML 4Page - Renesas Technology Corp UPD166019T1F Datasheet HTML 5Page - Renesas Technology Corp UPD166019T1F Datasheet HTML 6Page - Renesas Technology Corp UPD166019T1F Datasheet HTML 7Page - Renesas Technology Corp UPD166019T1F Datasheet HTML 8Page - Renesas Technology Corp UPD166019T1F Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
R07DS0730EJ0100 Rev.1.00
Page 1 of 16
Apr 25, 2012
Preliminary Data Sheet
PD166019T1F
Single P-Channel High-Side Intelligent Power Device
Description
The
PD166019 device is a P-channel high-side switch with diagnostic feedback and embedded protection functions.
Due to the adoption of P-channel output switch this device dose not contains charge pump circuit and switching time is
controllable by external resistance to IN pin.
Features
 Low noise by no built-in charge pump
 Low on-state resistance: 13.5 m
 Short circuit protection
 Shutdown by short-circuit detection
 Over temperature protection
 Shutdown with auto-restart on cooling
 Loss of GND protection
 Small multi-chip package: JEDEC 5-pin TO-252
 Built-in Diagnostic function
 Defined fault signal in case of thermal shutdown and/or short circuit shutdown via IN pin.
Ordering Information
Part No.
Lead Plating
Packing
Package
PD166019T1F-E1-AY *1
Sn
Tape 2500 p/reel
5-pin TO-252 (MP-3ZK)
Note:
*1 Pb-free (This product does not contain Pb in the external electrode.)
Application
 Light bulb (to 65 W) switching
 Switching of all types of 14 V DC grounded load, such as inductor, resistor and capacitor
 Replacement of fuse and relay
Note: The information contained in this document is the one that was obtained when the document was issued, and
may be subject to change.
R07DS0730EJ0100
Rev.1.00
Apr 25, 2012


Similar Part No. - UPD166019T1F

ManufacturerPart #DatasheetDescription
logo
NEC
UPD16601 NEC-UPD16601 Datasheet
98Kb / 13P
MOS Integrated Circuit
logo
Renesas Technology Corp
UPD166010 RENESAS-UPD166010 Datasheet
408Kb / 27P
MOS INTEGRATED CIRCUIT
2009
UPD166010T1F-E1-AY RENESAS-UPD166010T1F-E1-AY Datasheet
408Kb / 27P
MOS INTEGRATED CIRCUIT
2009
UPD166011T1J RENESAS-UPD166011T1J Datasheet
211Kb / 28P
INTELLIGENT POWER DEVICE
UPD166011T1J-E1-AY RENESAS-UPD166011T1J-E1-AY Datasheet
211Kb / 28P
INTELLIGENT POWER DEVICE
More results

Similar Description - UPD166019T1F

ManufacturerPart #DatasheetDescription
logo
NEC
UPD166100BV NEC-UPD166100BV Datasheet
399Kb / 11P
N-CHANNEL LOW SIDE INTELLIGENT POWER DEVICE
logo
International Rectifier
IPS1041PBF IRF-IPS1041PBF Datasheet
565Kb / 14P
SINGLE/DUAL CHANNEL INTELLIGENT POWER LOW SIDE SWITCH
IPS1051LPBF IRF-IPS1051LPBF Datasheet
448Kb / 12P
SINGLE/DUAL CHANNEL INTELLIGENT POWER LOW SIDE SWITCH
IPS1041LRPBF IRF-IPS1041LRPBF Datasheet
627Kb / 15P
SINGLE/DUAL CHANNEL INTELLIGENT POWER LOW SIDE SWITCH
logo
Renesas Technology Corp
UPD166011T1J RENESAS-UPD166011T1J Datasheet
211Kb / 28P
INTELLIGENT POWER DEVICE
logo
International Rectifier
AUIPS1042G IRF-AUIPS1042G Datasheet
893Kb / 18P
SINGLE/DUAL CHANNEL INTELLIGENT POWER LOW SIDE SWITCH
AUIPS1051L IRF-AUIPS1051L Datasheet
460Kb / 16P
SINGLE/DUAL CHANNEL INTELLIGENT POWER LOW SIDE SWITCH
logo
Renesas Technology Corp
PD166010 RENESAS-PD166010_15 Datasheet
403Kb / 27P
SINGLE N-CHANNEL HIGH SIDE INTELLIGENT POWER DEVICE
RAA2900014H12HPD RENESAS-RAA2900014H12HPD Datasheet
592Kb / 19P
INTELLIGENT POWER DEVICE
UPD166034T1U RENESAS-UPD166034T1U Datasheet
804Kb / 41P
INTELLIGENT POWER DEVICE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com