Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD166019T1F Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # UPD166019T1F
Description  Single P-Channel High-Side Intelligent Power Device
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD166019T1F Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button UPD166019T1F Datasheet HTML 6Page - Renesas Technology Corp UPD166019T1F Datasheet HTML 7Page - Renesas Technology Corp UPD166019T1F Datasheet HTML 8Page - Renesas Technology Corp UPD166019T1F Datasheet HTML 9Page - Renesas Technology Corp UPD166019T1F Datasheet HTML 10Page - Renesas Technology Corp UPD166019T1F Datasheet HTML 11Page - Renesas Technology Corp UPD166019T1F Datasheet HTML 12Page - Renesas Technology Corp UPD166019T1F Datasheet HTML 13Page - Renesas Technology Corp UPD166019T1F Datasheet HTML 14Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
PD166019T1F
Preliminary
R07DS0730EJ0100 Rev.1.00
Page 10 of 16
Apr 25, 2012
Measurement Condition
Switching waveform of OUT pin
VIN
VOUT
10%
tdon
10%
tr
90%
90%
tdoff
tf
12 V
0 V
Truth Table
Input Voltage
State
Output
Output Current in
Fault Condition
VIN  VINoff
OFF state
OFF
—
Normal operation
ON
—
Over-temperature
OFF (Shut down), restart by Tch < Tth – Tth
IOL
VIN  VINon
Short circuit
OFF (Shut down)
IOL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com