Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD166019T1F Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # UPD166019T1F
Description  Single P-Channel High-Side Intelligent Power Device
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD166019T1F Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button UPD166019T1F Datasheet HTML 5Page - Renesas Technology Corp UPD166019T1F Datasheet HTML 6Page - Renesas Technology Corp UPD166019T1F Datasheet HTML 7Page - Renesas Technology Corp UPD166019T1F Datasheet HTML 8Page - Renesas Technology Corp UPD166019T1F Datasheet HTML 9Page - Renesas Technology Corp UPD166019T1F Datasheet HTML 10Page - Renesas Technology Corp UPD166019T1F Datasheet HTML 11Page - Renesas Technology Corp UPD166019T1F Datasheet HTML 12Page - Renesas Technology Corp UPD166019T1F Datasheet HTML 13Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
PD166019T1F
Preliminary
R07DS0730EJ0100 Rev.1.00
Page 9 of 16
Apr 25, 2012
Device Behavior at Low Voltage Condition
If the supply voltage, VCC goes down under VCIN(UV), The device shuts down the output. If the supply voltage, VCC
increase over VCIN(ST), the device turns on the output automatically. The device keeps off-state if supply voltage, VCC
does not increase over VCIN(ST) after under voltage shutdown.
VIN
0
0
VOUT/VCC
VBAT
VOUT
VCC
VCIN(UV)
VCIN(ST)
IL
t
Loss of Ground Protection
In case of complete loss of the device ground connection, but connected load ground, the device securely changes to
off-state by low voltage detector. In loss of ground condition voltage of internal circuit is as below. Thus RIN should be
bigger than 40 k
 to activate this function.
Internal circuit voltage = VCC – Ion  (RIN + 100 ) – Vf
Low voltage detection voltage: VCIN(UV)
Even though there is possibility to keep on state if RIN is lower than 40 k, output MOSFET is secured in full on state
by circuit design.
VCC
VCC
IN
GND
Internal
Circuit
Ion
Ion: Circuit current, 300 μA min
100
Ω
RIN
Low Voltage
Detector



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com