Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE09SA Datasheet(PDF) 66 Page - Tyco Electronics

Part # ADE09SA
Description  DIP Switches
PDF  326 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

ADE09SA Datasheet(HTML) 66 Page - Tyco Electronics

Back Button ADE09SA Datasheet HTML 62Page - Tyco Electronics ADE09SA Datasheet HTML 63Page - Tyco Electronics ADE09SA Datasheet HTML 64Page - Tyco Electronics ADE09SA Datasheet HTML 65Page - Tyco Electronics ADE09SA Datasheet HTML 66Page - Tyco Electronics ADE09SA Datasheet HTML 67Page - Tyco Electronics ADE09SA Datasheet HTML 68Page - Tyco Electronics ADE09SA Datasheet HTML 69Page - Tyco Electronics ADE09SA Datasheet HTML 70Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 326 page
background image
B38
Catalog 1308390
Dimensions are in inches
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-3611-1514
Issued 9-04
and millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in parentheses
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
or brackets are metric equivalents. to change.
C. America: 52-55-5-729-0425
UK: 44-141-810-8967
B
SSB Series
Slide Switches, Micro Size, Instrumentation Grade
MATERIAL SPECIFICATIONS:
Contacts ..................................Gold or silver plate over nickel plate
Case Material ..........................Steel, tin plate
Actuator Material ....................Polyacetal UL94HB
Terminals ................................Gold or silver plate over nickel plate
Terminal Seal ..........................Epoxy
ENVIRONMENTAL SPECIFICATIONS:
Operating Temperature............-4°F to +176°F (-20°C to +80°C)
Storage Temperature................-40°F to +212°F (-40°C to +100°C)
Solder Heat Resistance ............+260°C (+500°F) for 5 seconds
per MIL-STD-202, Method 210
TYPICAL PERFORMANCE CHARACTERISTICS:
Contact Rating ........................Gold: 0.4 VA @ 20 VDC or peak AC
Silver: 100 mA @ 30 VDC
Initial Contact Resistance ........30 Millohms max.
Contact Timing ........................Make before break
Insulation Resistance ..............100 Megohms min.
Dielectric Strength ..................500 VAC
Actuation Force ......................250 ± 150 Grams
Life Expectancy ......................Up to 10,000 Cycles
Travel ......................................0.079” (2.01)
4PDT
DPDT
DPDT
SSB22
SPDT
.220
(5.60)
.590
(15.00)
.079
(2.00)
.275
(7.00)
.197
(5.00)
.079
(2.00)
.024
(0.60)
TYP.
.012
(0.30)
TYP.
.118
(3.00)
.189
(4.80)
.087
(2.20)
TRAVEL
.079
(2.00)
TYP.
.043
(1.10)
DIA. TYP.
.079
(2.00)
TYP.
.220
(5.60)
.590
(15.00)
.079
(2.00)
.275
(7.00)
.197
(5.00)
.079
(2.00)
.024
(0.60)
TYP.
.012
(0.30)
TYP.
.118
(3.00)
.189
(4.80)
.087
(2.20)
TRAVEL
.079
(2.00)
TYP.
.043
(1.10)
DIA. TYP.
.079
(2.00)
TYP.
SSB42
.213
(5.40)
.169
(4.29)
.354
(9.00)
.079
(2.00)
TRAVEL
.197
(5.00)
.079
(2.00)
.024
(0.60)
TYP.
.012
(0.30)
.189
(4.80)
.087
(2.20)
.079
(2.00)
TYP.
.043
(1.10)
DIA. TYP.
.079
(2.00)
SSB22R
SSB12R
.134
(3.40)
.354
(9.00)
.079
(2.00)
TRAVEL
0.16
(4.00)
.079
(2.00)
.157
(4.00)
.079
(2.00)
.020
(0.51)
TYP.
.012
(.300)
TYP.
.043
(1.08)
0.19
(4.82)
.118
(3.00)
.079
(2.00)
TYP.
.043
(1.10)
DIA. TYP.
SPDT
SSB12
.213
(5.40)
.354
(9.00)
.079
(2.00)
TRAVEL
0.16
(4.00)
0.197
(5.00)
.079
(2.00)
.094
(2.40)
.024
(0.60)
TYP.
.012
(0.30)
TYP.
.138
(3.50)
0.189
(4.80)
.087
(2.20)
.079
(2.00)
TYP.
.043
(1.10)
DIA. TYP.
.079
(2.00)
.134
(3.40)
.169
(4.29)
.354
(9.00)
.079
(2.00
TRAVEL
.197
(5.00)
.079
(2.00)
.024
(0.60)
TYP.
.012
(0.30)
.189
(4.80)
.087
(2.20)
.079
(2.00)
TYP.
.043
(1.10)
DIA. TYP.
Part Number
Tyco Electronics Alcoswitch Type Plating Mounting Style
1-1437575-8
SSB12
SPDT
Silver
Upright
1-1437575-9
SSB12G
SPDT
Gold
Upright
Part Number
Tyco Electronics Alcoswitch Type Plating Mounting Style
2-1437575-0
SSB12R
SPDT
Silver
Right Angle
2-1437575-1
SSB12RG
SPDT
Gold
Right Angle
Part Number
Tyco Electronics Alcoswitch Type Plating Mounting Style
2-1437575-2
SSB22
DPDT
Silver
Upright
2-1437575-3
SSB22G
DPDT
Gold
Upright
Part Number
Tyco Electronics Alcoswitch Type Plating Mounting Style
2-1437575-4
SSB22R
DPDT
Silver
Right Angle
2-1437575-5
SSB22RG DPDT
Gold
Right Angle
Part Number
Tyco Electronics Alcoswitch Type Plating Mounting Style
2-1437575-8
SSB42
4PDT
Silver
Upright
2-1437575-9
SSB42G
4PDT
Gold
Upright
Circuit Diagram
1
1
1
1
2
1 2
2
1
1
2
2
2 3
3
3
2
1
1
2 3
3
2
Circuit Diagram
1
1
1
1
2
1 2
2
1
1
2
2
2 3
3
3
2
1
1
2 3
3
2
Circuit Diagram
1
1
1
1
2
1 2
2
1
1
2
2
2 3
3
3
2
1
1
2 3
3
2
Circuit Diagram
1
1
1
1
2
1 2
2
1
1
2
2
2 3
3
3
2
1
1
2 3
3
2
Circuit Diagram
1
1
1
1
2
1 2
2
1
1
2
2
2 3
3
3
2
1
1
2 3
3
2
.079
(2.00)
TYP.
.043
(1.10)
DIA. TYP.
.079
(2.00)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com