Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE09SA Datasheet(PDF) 31 Page - Tyco Electronics

Part # ADE09SA
Description  DIP Switches
PDF  326 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

ADE09SA Datasheet(HTML) 31 Page - Tyco Electronics

Back Button ADE09SA Datasheet HTML 27Page - Tyco Electronics ADE09SA Datasheet HTML 28Page - Tyco Electronics ADE09SA Datasheet HTML 29Page - Tyco Electronics ADE09SA Datasheet HTML 30Page - Tyco Electronics ADE09SA Datasheet HTML 31Page - Tyco Electronics ADE09SA Datasheet HTML 32Page - Tyco Electronics ADE09SA Datasheet HTML 33Page - Tyco Electronics ADE09SA Datasheet HTML 34Page - Tyco Electronics ADE09SA Datasheet HTML 35Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 326 page
background image
B
Slide Switches
B3
Catalog 1308390
Dimensions are in inches
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-3611-1514
Issued 9-04
and millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in parentheses
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
or brackets are metric equivalents. to change.
C. America: 52-55-5-729-0425
UK: 44-141-810-8967
Slide Switch Selection Guide
PRODUCT LINE FEATURES
• One of the broadest lines in the industry.
• Gold or silver plating available in most series.
• One to six pole configurations.
• Wave solderable, washable, and surface mount versions.
• Current ratings from 0.4V @ 20VDC to 3A @ 115VAC.
• Rocker (butt), shoe and bifurcated contact mechanisms.
• Miniature and sub-miniature case sizes.
• Vertical and RA actuator styles.
CIRCUITRY
SERIES
TERMINATION
CONTACT RATING/PLATING
ACTUATION
LIFE EXPECTANCY
SPST
TSS
P.C.
.4VA/GOLD
STANDARD/FLUSH
80K CYCLES
SPDT
MHS
P.C./RIGHT ANGLE
.4VA/GOLD:300mA/SILVER
STANDARD/BATON
15K CYCLES
MLL
SURFACE MOUNT
0.3A @ 4 VDC/SILVER
RIGHT ANGLE
10K CYCLES
MMS
P.C.
100MA/SILVER
STANDARD
10K CYCLES
MSS
P.C./RIGHT ANGLE
.4VA/GOLD:300MA/SILVER
STANDARD
15K CYCLES
MSSAHH1
P.C./RIGHT ANGLE
.4VA/GOLD
STANDARD
30K CYCLES
MSSAHH4
P.C./RIGHT ANGLE
3A/SILVER
STANDARD
30K CYCLES
SDS
P.C./RIGHT ANGLE
300mA @ 125VAC/SILVER
STANDARD
10K CYCLES
SE, S
P.C./RIGHT ANGLE/SMT
.4VA/GOLD
STANDARD
6K CYCLES
SL
P.C.
250mA/SILVER
STANDARD
6K CYCLES
SLS
P.C./RIGHT ANGLE
250mA/SILVER
STANDARD
6K CYCLES
SLS/A
P.C.
500mA/SILVER
STANDARD
10K CYCLES
SSA
P.C.
100mA/SILVER:.4VA/GOLD
STANDARD
10K CYCLES
SSB
P.C./RIGHT ANGLE
100MA/SILVER:.4VA/GOLD
STANDARD
10K CYCLES
SSJ
P.C./RIGHT ANGLE
100mA/SILVER
STANDARD
10K CYCLES
STS
P.C./RIGHT ANGLE
300mA/SILVER
STANDARD
10K CYCLES
TSS
P.C./RIGHT ANGLE
.4VA/GOLD
STANDARD/FLUSH
60-80K CYCLES
SP3T
MHS
P.C./RIGHT ANGLE
300MA/SILVER:.4VA/GOLD
STANDARD/BATON
15K CYCLES
MLL
SURFACE MOUNT
0.3A @ 4 VDC/SILVER
RIGHT ANGLE
10K CYCLES
MSS
P.C./RIGHT ANGLE
300mA/SILVER:.4VA/GOLD
STANDARD
15K CYCLES
MSSA
P.C./RIGHT ANGLE
300MA/SILVER:.4VA/GOLD
STANDARD
15K CYCLES
SDS
P.C./RIGHT ANGLE
300mA @ 125VAC/SILVER
STANDARD
10K CYCLES
SL
P.C.
250mA/SILVER
STANDARD
6K CYCLES
SLS
P.C./RIGHT ANGLE
250MA/SILVER
STANDARD
6K CYCLES
SSJ
P.C.
100mA/SILVER
STANDARD
10K CYCLES
STS
P.C./RIGHT ANGLE
300mA/SILVER
STANDARD
10K CYCLES
SP4T
MSS
P.C.
300mA/SILVER:.4VA/GOLD
STANDARD
15K CYCLES
MSSA
P.C./RIGHT ANGLE
300mA/SILVER:.4VA/GOLD
STANDARD
15K CYCLES
SLS
P.C./RIGHT ANGLE
250mA/SILVER
STANDARD
6K CYCLES
STS
P.C./RIGHT ANGLE
300mA/SILVER
STANDARD
10K CYCLES
SP5T
SL
P.C.
250mA/SILVER
STANDARD
6K CYCLES
SLS
P.C./RIGHT ANGLE
250mA/SILVER
STANDARD
6K CYCLES
STS
P.C./RIGHT ANGLE
300mA/SILVER
STANDARD
10K CYCLES
SP6T
SL
P.C.
250mA/SILVER
STANDARD
6K CYCLES
STS
P.C./RIGHT ANGLE
300mA/SILVER
STANDARD
10K CYCLES
SP7T
SL
P.C.
250mA/SILVER
STANDARD
6K CYCLES
SP8T
SL
P.C.
250mA/SILVER
STANDARD
6K CYCLES
SP10T
SL
P.C.
250mA/SILVER
STANDARD
6K CYCLES
DPST
TSS
P.C.
.4VA/GOLD
STANDARD/FLUSH
80K CYCLES
DPDT
ASE/F
P.C./RIGHT ANGLE/SMT
.4VA/GOLD:300mA SILVER
STANDARD/FLUSH
10K CYCLES
CSS
P.C.
300mA/SILVER
BATON
15K CYCLES
CST
P.C.
300mA/SILVER
BATON
15K CYCLES
MHS
P.C./RIGHT ANGLE
300mA/SILVER:.4VA/GOLD
STANDARD/BATON
15K CYCLES
MMS
P.C./RIGHT ANGLE
100mA/SILVER
STANDARD
10K CYCLES
MSS
P.C./RIGHT ANGLE
300mA/SILVER:.4VA/GOLD
STANDARD
15K CYCLES
MSSA21
P.C./RIGHT ANGLE
.4VA/GOLD
STANDARD
30K CYCLES



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com