Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE09SA Datasheet(PDF) 41 Page - Tyco Electronics

Part # ADE09SA
Description  DIP Switches
PDF  326 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

ADE09SA Datasheet(HTML) 41 Page - Tyco Electronics

Back Button ADE09SA Datasheet HTML 37Page - Tyco Electronics ADE09SA Datasheet HTML 38Page - Tyco Electronics ADE09SA Datasheet HTML 39Page - Tyco Electronics ADE09SA Datasheet HTML 40Page - Tyco Electronics ADE09SA Datasheet HTML 41Page - Tyco Electronics ADE09SA Datasheet HTML 42Page - Tyco Electronics ADE09SA Datasheet HTML 43Page - Tyco Electronics ADE09SA Datasheet HTML 44Page - Tyco Electronics ADE09SA Datasheet HTML 45Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 326 page
background image
STS Series
B13
Catalog 1308390
Dimensions are in inches
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-3611-1514
Issued 9-04
and millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in parentheses
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
or brackets are metric equivalents. to change.
C. America: 52-55-5-729-0425
UK: 44-141-810-8967
B
.130
(3.30)
.394
(10.0)
.610
(15.5)
12 3
12 3 4
.118
(3.00)
.256
(6.50)
.240
(6.10)
.016
(0.40)
.157
(4.00)
.205
(5.20)
.098
(2.50)
TRAVEL
TYP.
.197
(5.00)
.110
(2.80)
.024
(.060)
TYP.
.098
(2.50)
TYP.
P. C. HOLE LAYOUT
.098
(2.50)
TYP.
.035
(0.90)
DIA. TYP.
.157
(4.00)
.205
(5.20)
.098
(2.50)
TRAVEL
TYP.
.197
(5.00)
.110
(2.80)
.024
(.060)
TYP.
.098
(2.50)
TYP.
.130
(3.30)
.394
(10.0)
.610
(15.5)
.118
(3.00)
.016
(0.40)
.240
(6.10)
123
12 3 4
P. C. HOLE LAYOUT
.098
(2.50)
TYP.
.035
(0.90)
DIA. TYP.
.157
(4.00)
.205
(5.20)
.098
(2.50)
TRAVEL
TYP.
.197
(5.00)
.091
(2.30)
.024
(.060)
TYP.
.098
(2.50)
TYP.
.130
(3.30)
.295
(7.50)
.512
(13.0)
12
12 3
.118
(3.00)
.256
(6.50)
.240
(6.10)
.016
(0.40)
P. C. HOLE LAYOUT
.098
(2.50)
TYP.
.035
(0.90)
DIA. TYP.
.157
(4.00)
.205
(5.20)
.098
(2.50)
TRAVEL
TYP.
.197
(5.00)
.110
(2.80)
.024
(.060)
TYP.
.098
(2.50)
TYP.
.130
(3.30)
.295
(7.50)
.512
(13.0)
.118
(3.00)
.016
(0.40)
P. C. HOLE LAYOUT
.098
(2.50)
TYP.
.035
(0.90)
DIA. TYP.
.240
(6.10)
12
12 3
Slide Switches, Miniature, Low Profile, Economy Grade
MATERIAL SPECIFICATIONS:
Contacts ..................................Silver clad copper alloy
Case Material ..........................Steel zinc plated
Actuator Material ....................Polyester (UL 94HB)
Terminal Seal ..........................Epoxy
Terminals/Fixed Contacts ......Silver plate copper alloy
ENVIRONMENTAL SPECIFICATIONS:
Operating Temperature............ -5°F to 140°F (-15°C to +60°C)
Storage Temperature................-4°F to +158°F (-20°C to +70°C)
Solder Heat Resistance ............MIL-STD-202, Method 210
TYPICAL PERFORMANCE CHARACTERISTICS:
Contact Rating ........................300 mA @ 125 VAC
Initial Contact Resistance ........20 Milliohms max.
Contact Timing ........................Make-before-break
Insulation Resistance ..............100 Megohms min. @ 500 VDC
Dielectric Strength ..................500 VAC
Actuation Force ......................250 Grams, +150 Grams, -100 Grams
Actuator Travel........................0.098” (2.49)
Life Expectancy ......................Up to 10,000 Cycles
SPDT
NOTICE: Bifurcated contact produces double wiping,
self-cleaning contacts.
SP3T
STS131RA
SP3T
SPDT
Part Number
Tyco
Alcoswitch
Plating
Mounting Style
Electronics
5-1437577-8
STS121PC
Silver
Upright
Part Number
Tyco
Alcoswitch
Plating
Mounting Style
Electronics
5-1437577-9
STS121RA
Silver
Right Angle
Part Number
Tyco
Alcoswitch
Plating
Mounting Style
Electronics
6-1437577-2
STS131PC
Silver
Upright
Part Number
Tyco
Alcoswitch
Plating
Mounting Style
Electronics
6-1437577-3
STS131RA
Silver
Right Angle
STS121PC
STS121RA
STS131PC
12
1 23
1 2
1 23
1 2
12 3
3
4
1 2
12 3
3
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com