Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE09SA Datasheet(PDF) 90 Page - Tyco Electronics

Part # ADE09SA
Description  DIP Switches
PDF  326 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

ADE09SA Datasheet(HTML) 90 Page - Tyco Electronics

Back Button ADE09SA Datasheet HTML 86Page - Tyco Electronics ADE09SA Datasheet HTML 87Page - Tyco Electronics ADE09SA Datasheet HTML 88Page - Tyco Electronics ADE09SA Datasheet HTML 89Page - Tyco Electronics ADE09SA Datasheet HTML 90Page - Tyco Electronics ADE09SA Datasheet HTML 91Page - Tyco Electronics ADE09SA Datasheet HTML 92Page - Tyco Electronics ADE09SA Datasheet HTML 93Page - Tyco Electronics ADE09SA Datasheet HTML 94Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 326 page
background image
C14
Catalog 1308390
Dimensions are in inches
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-3611-1514
Issued 9-04
and millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in parentheses
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
or brackets are metric equivalents. to change.
C. America: 52-55-5-729-0425
UK: 44-141-810-8967
C
Catalog 1308390
Dimensions are in inches
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-3611-1514
Issued 9-04
and millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in parentheses
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
or brackets are metric equivalents. to change.
C. America: 52-55-5-729-0425
UK: 44-141-810-8967
TT Series
Toggle Switches, Tiny, Wire Lug, Round or Flat Actuators
SEE PAGE C8 FOR PRODUCT SPECIFICATIONS
NOTICE: Wire lug terminals accept two No. 20 AWG wires.
For terminal connections refer to Code Chart on page M5-6
1 & 2 POLE
TT13D2T
TT23N2T
Tyco
Alcoswitch
Type Act. Code P. M5
Electronics
7-1437561-8 TT13A2T
SPST
A
On None Off
8-1437561-5 TT13D2T
SPDT
D
On None On
9-1437561-5 TT13E2T
SPDT
E
On
Off
On
4-1437562-7 TT23K2T
DPST
K
On None Off
Tyco
Alcoswitch
Type Act. Code P. M5
Electronics
5-1437562-1 TT23N2T
DPDT
N
On None On
5-1437562-7 TT23P2T
DPDT
P
On
Off
On
7-1437562-6 TT43N2T
4PDT
N
On None On
Note: No center terminal "A" or "K" action switches.
Tyco
Alcoswitch
Type Act. Code P. M5
Electronics
9-1437561-1 TT13D7T1/4
SPDT
D
On None On
9-1437561-7 TT13E7T1/4
SPDT
E
On
Off
On
5-1437562-5 TT23N7T1/4
DPST
N
On None On
Tyco
Alcoswitch
Type Act. Code P. M5
Electronics
6-1437562-0 TT23P7T1/4
DPDT
P
On
Off
On
7-1437562-8 TT43N7T1/4
4PDT
N
On None On
TT43P7T1/4
4PDT
P
On
Off
On
TT43N2T
4 POLE
1 & 2 POLE
TT13D7T1/4
TT23N7T1/4
TT43N7T1/4
.172
(4.37)
.040W X .080L
(1.00)W X (2.00)L
OBLONG HOLE
.020
(0.51)
TYP.
.109
(2.77)
.348
(8.84)
.216
(5.49)
.296
(7.52)
26
°
10-48 UNS-2A
.100
(2.50)
DIA.
.320
(8.10)
.236
(5.99)
DIA.
3
2
1
.206
(5.23)
.109
(2.77)
.136
(3.45)
.160
(4.10)
3
2
1
6
5
4
.363
(9.22)
.172
(4.37)
.160
(4.10)
.621
(15.77)
.363
(9.22)
3
7
8
9
2
1
6
10
11
12
5
4
.020
(0.51)
TYP.
.109
(2.77)
.348
(8.84)
.216
(5.49)
.296
(7.52)
26
°
10-48 UNS-2A
.040W x .080L
(1.00)W X (2.00)L
OBLONG HOLE
.100
(2.50)
DIA.
.177
±.002
(4.50
±.05)
.192
±.002
(4.88
±.05)
“A” FUNCTION
ONE POLE
TWO POLE
.320
(8.10)
.281
(7.14)
DIA.
3
2
1
.206
(5.23)
.160
(4.10)
3
2
1
6
5
4
.363
(9.22)
.200
(5.10)
.227
(5.77)
TO FLAT
.040W X .080L
(1.00)W X (2.00)L
OBLONG HOLE
.020
(0.51)
TYP.
.109
(2.77)
.348
(8.84)
.311
(7.90)
.457
(11.61)
26
°
1/4-40 UNS-2A
.100
(2.50)
.232
±.002
(5.89
±.05)
.252
±.002
(6.40
±.05)
.040W X .080L
(1.00)W X (2.00)L
OBLONG HOLE
.020
(0.51)
TYP.
.109
(2.77)
.348
(8.84)
.311
(7.90)
.457
(11.61)
26
°
1/4-40 UNS-2A
.100
(2.50)
DIA.
.160
(4.10)
.621
(15.77)
.363
(9.22)
3
7
8
9
2
1
6
10
11
12
5
4
.227
(5.77)
Pinned for Anti-Rotation
4 POLE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com