Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE09SA Datasheet(PDF) 48 Page - Tyco Electronics

Part # ADE09SA
Description  DIP Switches
PDF  326 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

ADE09SA Datasheet(HTML) 48 Page - Tyco Electronics

Back Button ADE09SA Datasheet HTML 44Page - Tyco Electronics ADE09SA Datasheet HTML 45Page - Tyco Electronics ADE09SA Datasheet HTML 46Page - Tyco Electronics ADE09SA Datasheet HTML 47Page - Tyco Electronics ADE09SA Datasheet HTML 48Page - Tyco Electronics ADE09SA Datasheet HTML 49Page - Tyco Electronics ADE09SA Datasheet HTML 50Page - Tyco Electronics ADE09SA Datasheet HTML 51Page - Tyco Electronics ADE09SA Datasheet HTML 52Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 326 page
background image
MSS Series
B20
Catalog 1308390
Dimensions are in inches
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-3611-1514
Issued 9-04
and millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in parentheses
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
or brackets are metric equivalents. to change.
C. America: 52-55-5-729-0425
UK: 44-141-810-8967
B
Slide Switches, Instrumentation Grade
MATERIAL SPECIFICATIONS:
Contacts ..................................Gold or silver over nickel/copper alloy
Frame Material ........................Tin plated steel
Terminals/Fixed Contacts........Gold or silver over nickel/over copper alloy
Terminal Seal ..........................Epoxy
Actuator Material ....................POM-UL94HB
ENVIRONMENTAL SPECIFICATIONS:
Operating Temperature............-4°F to +185°F (-20°C to +85°C)
Storage Temperature................-40°F to +212°F (-40°C to +100°C)
Solder Heat Resistance ............See page M3-4
TYPICAL PERFORMANCE CHARACTERISTICS:
Contact Rating ........................Gold: 0.4 VA 20 VDC or peak AC
Silver: 300 mA @ 125 VAC
Initial Contact Resistance ........20 Milliohms max.
Contact Timing ........................Make before break
Insulation Resistance ..............1,000 Megohms min.
Dielectric Strength ..................500 VAC
Actuation Force ......................100 to 600 Grams
Life Expectancy ......................Up to 15,000 Cycles
Travel ......................................0.079” (2.01) (unless otherwise specified)
SPDT
MSS1200R
MSS1200
.035
(0.89)
DIA.
NO. 65 DRILL
3 PLACES
.520
(13.20)
.079
(2.00)
2 PLACES
.104
(2.65)
.059
(1.50)
DIA.
NO. 53 DRILL
4 PLACES
.209
(5.30)
.181
(4.60)
.016
(0.41)
3 PLACES
.134
(3.40)
.020
(0.50)
4 PLACES
.394
(10.00)
.020
(0.50)
3 PLACES
.031
(0.80)
4 PLACES
.217
(5.51)
.228
(5.79)
.551
(14.00)
.142
(3.60)
.296
(7.52)
.118
(3.00)
.197
(5.00)
1
2
.035
(0.89)
DIA.
NO. 65 DRILL
3 PLACES
.709
(18.00)
.138
(3.50)
.220
(5.60)
.217
(5.50)
.413
(10.50)
.511
(12.98)
.157
(3.99)
.016
(0.41)
3 PLACES
.020
(0.50)
4 PLACES
.098
(2.50)
4 PLACES
.039
(0.99)
4 PLACES .020
(0.50)
3 PLACES
.157
(3.99)
.669
(17.00)
.079
(2.00)
2 PLACES
.100
(2.54)
1
2
.059
(1.50)
DIA.
NO. 53 DRILL
4 PLACES
.201
(5.10)
.262
(6.65)
Tyco
Alcoswitch
Plating
Electronics
5-1437576-0
MSS1200
Silver
5-1437576-1
MSS1200G
Gold
Tyco
Alcoswitch
Plating
Electronics
5-1437576-2
MSS1200R
Silver
5-1437576-3
MSS1200RG
Gold
Tyco Electronics Alcoswitch
Plating
5-1437576-4
MSS1300
Silver
5-1437576-5
MSS1300G
Gold
Tyco Electronics
Alcoswitch
Plating
Total Actuator Travel
5-1437576-6
MSS1300R
Silver
.098(2.50)
5-1437576-7
MSS1300RG
Gold
.098(2.50)
MSS1300
SP3T
1
2
3
.906
(23.00)
.079
(2.00)
2 PLACES
.152
(3.85)
.157
(4.00)
.295
(7.50)
.059
(1.50)
DIA.
NO. 53 DRILL
4 PLACES
.303
(7.70)
.035
(0.89)
DIA.
NO. 65 DRILL
.323
(8.20)
.039
(0.99)
4 PLACES
.020
(0.50)
.118
(3.00)
.772
(19.60)
.150
(3.80)
.020
(0.50)
4PLACES
.016
(0.41)
4 PLACES
.150
(3.80)
.433
(11.00)
.228
(5.80)
THREADED HOLE
4-40
2 PLACES
.394
(10.00)
.748
19.00
.945
24.00
1
2
3
.945
(24.00)
.138
(3.50)
.0.57
(14.5)
.394
(10.00)
.098
(2.49)
2 PLACES
.126
(3.20)
.197
(5.00)
.178
(4.52)
.059
(1.50)
DIA.
NO. 53 DRILL
4 PLACES
.252
(6.40)
.035
(0.89)
DIA.
NO. 65 DRILL
4 PLACES
.984
(25.0)
.276
(7.01)
.335
(8.51)
.236
(6.00)
.157
(4.00)
.433
(11.00)
.039
(1.00)
.024
(6.10)
.020
(0.50)
4PLACES
.020
(0.50)
4 PLACES
MSS1300R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com