Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE09SA Datasheet(PDF) 61 Page - Tyco Electronics

Part # ADE09SA
Description  DIP Switches
PDF  326 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

ADE09SA Datasheet(HTML) 61 Page - Tyco Electronics

Back Button ADE09SA Datasheet HTML 57Page - Tyco Electronics ADE09SA Datasheet HTML 58Page - Tyco Electronics ADE09SA Datasheet HTML 59Page - Tyco Electronics ADE09SA Datasheet HTML 60Page - Tyco Electronics ADE09SA Datasheet HTML 61Page - Tyco Electronics ADE09SA Datasheet HTML 62Page - Tyco Electronics ADE09SA Datasheet HTML 63Page - Tyco Electronics ADE09SA Datasheet HTML 64Page - Tyco Electronics ADE09SA Datasheet HTML 65Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 326 page
background image
.098
(2.50)
.118
(3.00)
.177
(4.50)
.020
(0.51)
TYP.
.039
(1.00)
TYP.
.138
(3.50)
.157
(4.00)
.244
(6.20)
.080
(2.03)
.055
(1.40)
TYP.
DIA.
.035
(0.90)
TYP.
DIA.
.098
(2.50)
.244
(6.20)
.138
(3.50)
.157
(4.00)
TYP.
.098
(2.50)
.079
(2.00)
.035
(0.90)
TYP. DIA.
.079
(2.00)
TYP.
.295
(7.50)
.264
(6.70)
.630
(16.0)
.015
(0.40)
TYP.
.020
(0.50)
TYP.
.055
(1.40)
TYP.
.295
(7.50)
.118
(3.00)
.177
(4.50)
.118
(3.00)
.020
(0.51)
TYP.
.039
(1.00)
TYP.
.177
(4.50)
DIA.
.394
(10.0)
POS. 1
POS. 2
POS. 3
POS. 1
POS. 2
POS. 3
POS. 1
POS. 2
POS. 1
POS. 1
POS. 2
POS. 2
POS. 3
POS. 1
POS. 2
POS. 3
.118
(3.00)
MHS222
MHS223
MHS233
Baton Model
.098
(2.50)
.118
(3.00)
.177
(4.50)
.118
(3.00)
.020
(0.51)
TYP.
.244
(6.20)
TYP.
.079
(2.00)
.138
(3.50)
.157
(4.00)
TYP.
.035
(0.90)
TYP.
DIA.
.055
(1.40)
TYP.
DIA.
.137
(3.50)
.079
(1.85)
.157
(4.00)
TYP.
.244
(6.20)
.079
(2.00)
TYP.
.295
(7.50)
.264
(6.70)
.630
(16.0)
.015
(0.40)
TYP.
.020
(0.51)
TYP.
POS. 1
POS. 2
POS. 3
POS. 1
POS. 2
POS. 3
POS. 1
POS. 2
.035
(0.90)
TYP.
DIA.
.055
(1.40)
TYP.
DIA.
.118
(1.00)
TYP.
.177
(4.50)
.118
(3.00)
.020
(0.51)
TYP.
.039
(1.00)
TYP.
.039
(1.00)
TYP.
.295
(7.50)
MHS122
MHS123
MHS123
MHS133
.177
(4.50)
DIA.
.394
(10.0)
Baton Model
MHS Series
B33
Catalog 1308390
Dimensions are in inches
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-3611-1514
Issued 9-04
and millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in parentheses
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
or brackets are metric equivalents. to change.
C. America: 52-55-5-729-0425
UK: 44-141-810-8967
B
Slide Switches, Low Profile, Instrumentation Grade
MATERIAL SPECIFICATIONS:
Contacts ..................................Gold or silver over nickel over Cu alloy
Frame Material ........................Nickel plated, Steel
Actuator Material ....................POM 94 HB
Terminals/Fixed Contacts........Gold or silver over nickel over Cu alloy
Terminal Seal ..........................Epoxy
ENVIRONMENTAL SPECIFICATIONS:
Operating Temperature............-4°F to +212°F (-20°C to +100°C)
Storage Temperature................-40°F to +212°F (-40°C to + 100°C)
Solder Heat Resistance ............See page M3-4
Recommended Cleaning..........No chlorine base or Freon can be used.
Aqueous or 100% ethanol.
TYPICAL PERFORMANCE CHARACTERISTICS:
Contact Rating ........................Gold: 0.4 VA 20 VDC or peak AC
Silver: 300 mA @ 125 VAC
Initial Contact Resistance ........20 Milliohms max.
Contact Timing ........................Make-before-break
Insulation Resistance ..............1000 Megohms min.
Dielectric Strength ..................500 Volts RMS @ sea level
Actuation Force ......................50 to 450 Grams
Actuator Travel........................0.079”-.158” (2.01-4.01)
Life Expectancy ......................Up to 15,000 Cycles
SPDT/SP3T
DPDT/DP3T
MHS233
MHS233K
MHS122
Standard
Standard
Baton
MHS122K
Standard Model
Baton Model
Tyco Electronics Alcoswitch Tyco Electronics Alcoswitch
Type
Contacts
1437576-9
MHS122
1-1437576-2
MHS122K
SPDT
On
None
On
Silver
1-1437576-5
MHS123
1-1437576-7
MHS123K
SPDT
On
Off
On
Silver
1-1437576-9
MHS133
2-1437576-2
MHS133K
SP3T
On
On
On
Silver
1-1437576-0
MHS122G
1-1437576-3
MHS122KG
SPDT
On
None
On
Gold
—
MHS123G
—
MHS123KG
SPDT
On
Off
On
Gold
2-1437576-0
MHS133G
2-1437576-3
MHS133KG
SP3T
On
On
On
Gold
Standard Model
Baton Model
Tyco Electronics Alcoswitch Tyco Electronics Alcoswitch
Type
Contacts
2-1437576-5
MHS222
2-1437576-8
MHS222K
DPDT
On
None
On
Silver
3-1437576-1
MHS223
3-1437576-4
MHS223K
DPDT
On
Off
On
Silver
3-1437576-6
MHS233
3-1437576-9
MHS233K
DP3T
On
On
On
Silver
2-1437576-6
MHS222G
2-1437576-9
MHS222KG
DPDT
On
None
On
Gold
3-1437576-2
MHS223G
—
MHS223KG
DPDT
On
Off
On
Gold
3-1437576-7
MHS233G
4-1437576-0
MHS233KG
DP3T
On
On
On
Gold
Baton



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com