Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE09SA Datasheet(PDF) 72 Page - Tyco Electronics

Part # ADE09SA
Description  DIP Switches
PDF  326 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

ADE09SA Datasheet(HTML) 72 Page - Tyco Electronics

Back Button ADE09SA Datasheet HTML 68Page - Tyco Electronics ADE09SA Datasheet HTML 69Page - Tyco Electronics ADE09SA Datasheet HTML 70Page - Tyco Electronics ADE09SA Datasheet HTML 71Page - Tyco Electronics ADE09SA Datasheet HTML 72Page - Tyco Electronics ADE09SA Datasheet HTML 73Page - Tyco Electronics ADE09SA Datasheet HTML 74Page - Tyco Electronics ADE09SA Datasheet HTML 75Page - Tyco Electronics ADE09SA Datasheet HTML 76Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 326 page
background image
.126
(3.20)
Typ.
.042
(1.10)
Dia.
Typ.
.126
(3.20)
Typ.
.042
(1.10)
Dia.
Typ.
.126
(3.20)
Typ.
.042
(1.10)
Dia.
Typ.
.126
(3.20)
Typ.
.042
(1.10)
Dia.
Typ.
B44
Catalog 1308390
Dimensions are in inches
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-3611-1514
Issued 9-04
and millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in parentheses
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
or brackets are metric equivalents. to change.
C. America: 52-55-5-729-0425
UK: 44-141-810-8967
B
SLS Series
Slide Switches, Miniature, Rolling Contact, Economy Grade
MATERIAL SPECIFICATIONS:
Contacts ..................................Silver over nickel flash over copper alloy
Case Material ..........................Steel
Actuator Material ....................Polycarbonate
Terminals/Fixed Contacts........Silver over nickel over copper alloy
ENVIRONMENTAL SPECIFICATIONS:
Operating Temperature............+14°F to +185°F (-10°C to +85°C)
Storage Temperature................+14°F to +185°F (-10°C to +85°C)
Solder Heat Resistance ............+260°C for 5 seconds
TYPICAL PERFORMANCE CHARACTERISTICS:
Contact Rating .........................250mA @ 125 VAC
150mA @ 12VDC
Initial Contact Resistance ........20 Millohms max.
Contact Timing ........................Break-Before-Make
Insulation Resistance ..............>50 Megohms.
Dielectric Strength ..................500 Volts RMS @ sea level
Actuation Force ......................340 ± 57 Grams
Plunger/Actuator Travel: .........0.260” to 0.512” (6.60-13.00)
Life Expectancy ......................Up to 10,000 Cycles at no load
SLS151RA
SP3T
.197
(5.00)
.130
(3.30)
.134
(3.40)
.134
(3.40)
.394
(10.0)
POS. 3
POS. 1
POS. 2
.126
(3.20)
.032
(.813)
TYP.
.126
(3.20)
.236
(5.99)
.595
(15.1)
.108
(2.79)
.115
(2.92)
.020
(.508)
.230
(.584)
SLS131PC
.197
(5.00)
.134
(3.40)
.130
(3.30)
.394
(10.0)
POS. 3
POS. 1
POS. 2
.126
(3.20)
.031
(.787)
TYP.
.126
(3.20)
.295
(7.49)
.590
(15.0)
.283
(7.19)
.163
(4.14)
.220
(5.59)
.019
(.483)
SP3T
SLS131RA
SP4T
SLS141PC
.520
(13.2)
.197
(5.00)
POS. 3
POS. 1
POS. 2
.031
(.787)
TYP.
.134
(3.40)
.134
(3.40)
.130
(3.30)
.106
(2.69)
TYP.
.126
(3.20)
.236
(5.99)
.716
(18.2)
.220
(5.59)
.020
(.508)
TYP.
.126
(3.20)
POS. 4
SLS141RA
.520
(13.2)
.130
(3.30)
.197
(5.00)
POS. 3
POS. 1
POS. 2
.031
(.787)
TYP.
.134
(3.40)
.110
(2.80)
TYP.
.126
(3.20)
.295
(7.49)
.716
(18.2)
.283
(7.19)
.163
(4.15 )
.383
(9.73)
.019
(.483)
.126
(3.20)
POS. 4
SP4T
.642
(16.3)
.197
(5.00)
POS. 3
POS. 5
POS. 2
POS. 4
POS. 1
.031
(.787)
TYP.
.134
(3.40)
.134
(3.40)
.130
(3.30)
.106
(2.69)
TYP.
.126
(3.20)
.236
(5.99)
.842
(21.4)
.220
(5.59)
.020
(.508)
TYP.
.126
(3.20)
SP5T
SLS151PC
.220
(5.58)
.031
(.787)
TYP.
.134
(3.40)
.110
(2.80)
.646
(16.4)
.130
(3.30)
.197
(5.00)
POS. 3 POS. 5
POS. 1
POS. 4
POS. 2
.126
(3.20)
.295
(7.49)
.842
(21.4)
.283
(7.19)
.163
(4.14 )
.019
(.483)
.126
(3.20)
SP5T
Part Number
Tyco Electronics Alcoswitch
Mounting Style
2-1437577-4
SLS131PC
Printed Circuit
Part Number
Tyco Electronics Alcoswitch
Mounting Style
2-1437577-6
SLS131RA
Right Angle PC
Part Number
Tyco Electronics Alcoswitch
Mounting Style
2-1437577-8
SLS141PC
Printed Circuit
Part Number
Tyco Electronics Alcoswitch
Mounting Style
3-1437577-0
SLS141RA
Right Angle PC
Part Number
Tyco Electronics Alcoswitch
Mounting Style
3-1437577-2
SLS151PC
Printed Circuit
Part Number
Tyco Electronics Alcoswitch
Mounting Style
3-1437577-4
SLS151RA
Right Angle PC
.126
(3.20)
Typ.
.042
(1.10)
Dia.
Typ.
.126
(3.20)
Typ.
.042
(1.10)
Dia.
Typ.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com