Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE09SA Datasheet(PDF) 281 Page - Tyco Electronics

Part # ADE09SA
Description  DIP Switches
PDF  326 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

ADE09SA Datasheet(HTML) 281 Page - Tyco Electronics

Back Button ADE09SA Datasheet HTML 277Page - Tyco Electronics ADE09SA Datasheet HTML 278Page - Tyco Electronics ADE09SA Datasheet HTML 279Page - Tyco Electronics ADE09SA Datasheet HTML 280Page - Tyco Electronics ADE09SA Datasheet HTML 281Page - Tyco Electronics ADE09SA Datasheet HTML 282Page - Tyco Electronics ADE09SA Datasheet HTML 283Page - Tyco Electronics ADE09SA Datasheet HTML 284Page - Tyco Electronics ADE09SA Datasheet HTML 285Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 281 / 326 page
background image
Microswitches
L10
Catalog 1308390
Dimensions are in inches
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-3611-1514
Issued 9-04
and millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in parentheses
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
or brackets are metric equivalents. to change.
C. America: 52-55-5-729-0425
UK: 44-141-810-8967
Miniature Simulator Lever
Catalog 1308390
Dimensions are in inches
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-3611-1514
Issued 9-04
and millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in parentheses
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
or brackets are metric equivalents. to change.
C. America: 52-55-5-729-0425
UK: 44-141-810-8967
AMP
Switch
Operating
Releasing
Pre Travel
Operating
Over
Movement
Part
Position
Force
Force
(P.T.)
Position
Travel
Differential
Number
60g
10g
4.0 m/m
18.6 ±1.5
1.3 m/m
1.2 m/m
1478603-7
SPDT
120g
20g
[.157]
[.732±.059]
[.051]
[.047]
1478604-7
180g
30g
1478605-7
60g
10g
4.0 m/m
18.6 ±1.5
1.3 m/m
1.2 m/m
1478609-7
16
SPNC
120g
20g
[.157]
[.732±.059]
[.051]
[.047]
1478610-7
180g
30g
1478611-7
60g
10g
4.0 m/m
18.6 ±1.5
1.3 m/m
1.2 m/m
1478615-7
SPNO
120g
20g
[.157]
[.732±.059]
[.051]
[.047]
1478616-7
180g
30g
1478617-7
SPDT
4.0 m/m
18.6 ±1.5
1.3 m/m
1.2 m/m
1478667-7
5
SPNC
60g
10g
[.157]
[.732±.059]
[.051]
[.047]
1478668-7
SPNO
1478669-7
SPDT
4.0 m/m
18.6 ±1.5
1.3 m/m
1.2 m/m
1478670-7
0.1
SPNC
35g
6g
[.157]
[.732±.059]
[.051]
[.047]
1478671-7
SPNO
1478672-7
Spade/Solder Type
Terminal
Product Facts
n .187 [4.75] tab with solder
hole
n Use .187 [4.75] FASTON
receptacles or solder
directly to terminal
n Simulator lever for
operating position between
a roller and a lever
Product Facts
n .250 [6.35] tab for use with
.250 [6.35] FASTON
receptacles
n Simulator lever for
operating position between
a roller and a lever
Spade Type Terminal
AMP
Switch
Operating
Releasing
Pre Travel
Operating
Over
Movement
Part
Position
Force
Force
(P.T.)
Position
Travel
Differential
Number
60g
10g
1478606-7
SPDT
120g
20g
4.0 m/m
18.6 ±1.5
1.3 m/m
1.2 m/m
1478607-7
180g
30g
[.157]
[.732±.059]
[.051]
[.047]
1478608-7
60g
10g
1478612-7
16
SPNC
120g
20g
4.0 m/m
18.6 ±1.5
1.3 m/m
1.2 m/m
1478613-7
180g
30g
[.157]
[.732±.059]
[.051]
[.047]
1478614-7
60g
10g
1478618-7
SPNO
120g
20g
4.0 m/m
18.6 ±1.5
1.3 m/m
1.2 m/m
1478619-7
180g
30g
[.157]
[.732±.059]
[.051]
[.047]
1478620-7
.189
(4.80)
P.T
P.T
1.094
(27.8)
1.283
(32.6)
1.095
(27.8)
.795
(20.2)
.795
(20.2)
.110
(2.80)
.039
(1.00)
.039
(1.00)
.110
(2.80)
.110
(2.80)
.110
(2.80)
.039
(1.00)
.039
(1.00)
.213
(5.40)
.173
(4.40)
.240
(6.10)
.318
(8.10)
.134
(3.40)
.134
(3.40)
.122
(3.10)
.118
(3.00)
.122
(3.10)
.117
(3.00)
.874
(22.2)
.543
(13.8)
.604
(15.3)
.874
(22.2)
.008
(0.20)
.031
(0.80)
.626
(15.9)
.724
(18.4)
.776
(19.7)
.406
(10.3)
.126
(3.20)
.252
(6.40)
.252
(6.40)
.315
(8.00)
.406
(10.3)
.157
(4.00)
.134
(3.40)
.252
(6.40)
.295
(7.50)
O.P
O.P
.406
(10.3)
.406
(10.3)
.626
(15.9)
* Refer to Pages L2 for
Product Specifications
.122
Dia.
(3.10)
.122
Dia.
(3.10)
L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com