Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE10S Datasheet(PDF) 73 Page - Tyco Electronics

Part # ADE10S
Description  DIP Switches
PDF  326 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

ADE10S Datasheet(HTML) 73 Page - Tyco Electronics

Back Button ADE10S Datasheet HTML 69Page - Tyco Electronics ADE10S Datasheet HTML 70Page - Tyco Electronics ADE10S Datasheet HTML 71Page - Tyco Electronics ADE10S Datasheet HTML 72Page - Tyco Electronics ADE10S Datasheet HTML 73Page - Tyco Electronics ADE10S Datasheet HTML 74Page - Tyco Electronics ADE10S Datasheet HTML 75Page - Tyco Electronics ADE10S Datasheet HTML 76Page - Tyco Electronics ADE10S Datasheet HTML 77Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 326 page
background image
B45
B
CST Series
Catalog 1308390
Dimensions are in inches
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-3611-1514
Issued 9-04
and millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in parentheses
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
or brackets are metric equivalents. to change.
C. America: 52-55-5-729-0425
UK: 44-141-810-8967
Slide Switches, Baton-Toggle, Multi Pole
MATERIAL SPECIFICATIONS:
Contacts ..................................Silver clad over nickel plated copper alloy
Case Material ..........................Steel, tin plate
Actuator Material ....................ABS plastic/Aluminum cap
Terminals/Fixed Contacts........Silver over nickel plated copper alloy
Terminal Seal ..........................Epoxy
ENVIRONMENTAL SPECIFICATIONS:
Operating Temperature............+5°F to +131°F (-15°C to +55°C)
Storage Temperature................-4ºF to +140º F (-20°C to +60°C)
Solder Heat Resistance ............Hand: 300°C for 3 seconds
Wave: 250°C for 5 seconds
TYPICAL PERFORMANCE CHARACTERISTICS:
Contact Rating ........................300 mA @ 125 VAC, 200 mA @ 12VDC
Initial Contact Resistance ........20 Milliohms max.
Contact Timing ........................See table below
Insulation Resistance ..............500 Megohms min.
Dielectric Strength ..................500 Volts RMS @ sea level
Actuation Force ......................450 ± 250 Grams
Plunger/Actuator Travel ...........30°
Life Expectancy ......................Up to 10,000 Cycles
DPDT
0.06
(1.50)
.138
(3.51)
.039
(.991)
.787
(20.0)
.098
(2.49)
.024
(.610)
1 2
2
1
.906
(23.0)
.709
(18.0)
.425
(10.80)
.480
(12.2)
4-40 UNC
2 HOLES
.189
(4.80)
.197
(5.00)
.018
(.457)
30o
.197
(5.00)
.034
(.864)
TYP.
DIA.
.050
(1.27)
TYP.
DIA.
.098
(2.49)
TYP
.787
(20.0)
.410
(10.4)
.106
(2.69)
.295
(7.49)
.590
(15.0)
.583
(14.8)
.472
(12.0)
CST022NK
Part Number
Tyco
Alcoswitch
Contact Timing
Electronics
1437576-2
CST022NK
None
On
On
Non Shorting - Break-Before-Make
(On) indicates momentary position.
DP3T
CST023NK
1
2
3
1
2
3
.906
(23.0)
.709
(18.0)
0.48
(12.2)
4-40 UNC
2 PLACES
30˚
30˚
0.06
(1.50)
.472
(12.0)
.138
(3.51)
.189
(4.80)
.472
(12.0)
.583
(14.8)
.039
(991)
TYP.
.197
(5.00)
.018
(.457)
.197
(.500)
.098
(2.99)
TYP.
.024
(.610)
TYP.
.050
(1.27)
TYP. DIA.
.034
(.864)
TYP.
DIA.
.106
(2.69)
.197
(5.00)
.195
(4.95)
.197
(5.00)
.787
(20.0)
.098
(2.49)
TYP.
.405
(10.3)
.787
(19.99)
.436
(11.07)
Part Number
Tyco
Alcoswitch
Contact Timing
Electronics
1437576-4
CST023NK
On
On
On
Non Shorting



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com