Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE10S Datasheet(PDF) 39 Page - Tyco Electronics

Part # ADE10S
Description  DIP Switches
PDF  326 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

ADE10S Datasheet(HTML) 39 Page - Tyco Electronics

Back Button ADE10S Datasheet HTML 35Page - Tyco Electronics ADE10S Datasheet HTML 36Page - Tyco Electronics ADE10S Datasheet HTML 37Page - Tyco Electronics ADE10S Datasheet HTML 38Page - Tyco Electronics ADE10S Datasheet HTML 39Page - Tyco Electronics ADE10S Datasheet HTML 40Page - Tyco Electronics ADE10S Datasheet HTML 41Page - Tyco Electronics ADE10S Datasheet HTML 42Page - Tyco Electronics ADE10S Datasheet HTML 43Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 326 page
background image
Compact Slide Switches
B11
Catalog 1308390
Dimensions are in inches
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-3611-1514
Issued 9-04
and millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in parentheses
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
or brackets are metric equivalents. to change.
C. America: 52-55-5-729-0425
UK: 44-141-810-8967
B
S Series Unsealed, SE Series Sealed, Through-Hole and Surface Mount
Product Facts
n Sealed or Unsealed
n Straight or Right-Angle
n Through-hole or Surface-
mount
n Bulk or Tape-and-Reel
packaged
n Compact size
n Double-pole function in a
single-pole body
n PC retention feature
n High reliability contact
system
n Epoxy sealed base
n Robust actuator for easy
actuation
n Non-shorting (break-before-
make)
Electrical Characteristics
Contact rating: .4 VA @ 20 VDC Max.
50mA 48V AC/DC
Min. 1 micro A 20 mV AC/DC
Initial Contact Resistance: less
than 50 milliohms
Final Contact Resistance: 100
milliohms max.
Insulation Resistance: 500
Megaohms @ 250 VDC
Dielectric Strength: 500 VAC
between terminals and ground
Mechanical
Mechanical Life: Up to 10,000 cycles
@ max. load
Actuation Force: 70 to 500 grams
Materials and Finish
Terminals: Tin-lead over nickel-plated
phosphor bronze
Contacts: Gold over nickel plated
phosphor bronze
Frame: Tin over nickel plated brass
Case, Actuator, Plunger, Terminal
Board: UL 94V-0 glass-filled
Polyamide
Actuator Boot: Silicon Rubber
Standards & Specs
Sealed switch per IP 67
Switch, Slide, Surface Mount - SE1 SMT (Shown w/Boot)
All Surfaces
Epoxy
Seal
.315
[8.00]
.087 [2.20]
.110 [2.80]
.372
[9.44]
.031
[0.80]
.220 [5.60]
.100 [2.54]
Sealing Boot
.050 [1.27]
.098 [2.50]
.087 [2.20]
Stroke
Position A
Position B
.374
[9.50]
.394
[10.00]
.483
[12.27]
.197 [5.00]
.087 [2.20]
.043 [1.10]
.082
[2.08] Min.
.1
±.004
[2.54±0.1] Typ.
.035
[0.89] Min. Typ.
.06
[1.52]
Min. Typ.
.351 [8.92]
.332
[8.43]
Max.
.515
[3.07]
Min.
Recommended P.C.B. Pad Layout
SMT-Sealed Part Numbers
Tyco
Alcoswitch
Function
Electronics
1571004-1
SE1GSMT
On-Off
1571004-2
SE1EGSMT
On-Off-On
1571004-3
SE1DGSMT
On-None-On
Tape & Reel Package
Tyco
Alcoswitch
Function
Electronics
1571004-4
SE1GSMTTR
On-Off
1571004-5
SE1EGSMTTR
On-Off-On
1571004-6
SE1DGSMTTR
On-None-On



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com