Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE10S Datasheet(PDF) 19 Page - Tyco Electronics

Part # ADE10S
Description  DIP Switches
PDF  326 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

ADE10S Datasheet(HTML) 19 Page - Tyco Electronics

Back Button ADE10S Datasheet HTML 15Page - Tyco Electronics ADE10S Datasheet HTML 16Page - Tyco Electronics ADE10S Datasheet HTML 17Page - Tyco Electronics ADE10S Datasheet HTML 18Page - Tyco Electronics ADE10S Datasheet HTML 19Page - Tyco Electronics ADE10S Datasheet HTML 20Page - Tyco Electronics ADE10S Datasheet HTML 21Page - Tyco Electronics ADE10S Datasheet HTML 22Page - Tyco Electronics ADE10S Datasheet HTML 23Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 326 page
background image
A19
Catalog 1308390
Dimensions are in inches
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-3611-1514
Issued 9-04
and millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in parentheses
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
or brackets are metric equivalents. to change.
C. America: 52-55-5-729-0425
UK: 44-141-810-8967
A
DIP Shunts
DIP Shunts
Performance Characteristics
Current Rating:
Standard Pressure — 2 amperes for +20°C rise above ambient (one conductor per shunt)
Machine Insertable — 1 ampere for +20°C rise above ambient (one conductor per shunt)
Insulation Resistance:
1 x 1010 ohms min. at 100 VDC
Dielectric Withstanding Voltage:
500 VDC min.
Capacitance:
2 picofarads max. between adjacent straps
5 picofarads max. across cut straps
Temperature Rating:
-55°C to +105°C
Humidity:
Withstands an environment of +40°C and 95% RH for 96 hours
Terminal Strength (Bend Test):
Two 45° bend cycles per MIL-STD-202, Method 211, Condition B
Resistance to Soldering Heat: EIA-364-56A Condition C
Reconnection Option
Cut straps can be reconnected by soldering bridging. Solder bridging recommendations are:
Use low temperature solder
Use solder tip approximately 1/32 [0.79] in diameter
Do not let solder tip come in contact with plastic material
Materials
Housing:
Glass-filled thermoplastic, 94V-0 rated
Metal Parts:
Copper alloy with electroplated tin finish (gold plated I/O legs are optional)
Technical Documents
Product Specifications:
108-7533 Through Hole
Instruction Sheets:
408-07768 Through Hole
Application Specifications:
114-1054 Through Hole
Alcoswitch DIP Shunts are
a highly reliable, low cost
means of manually
programming various types
of electrical/electronic
equipment. The shunt
consists of a series of
conductive straps packaged
in a DIP configuration. The
straps can be retained
intact for a closed circuit or
broken with a hand tool to
produce an open circuit.
DIP shunts are available in
4- through 12-position
configurations. All shunts
can be supplied either
unprogrammed or
preprogrammed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com