Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE10S Datasheet(PDF) 58 Page - Tyco Electronics

Part # ADE10S
Description  DIP Switches
PDF  326 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

ADE10S Datasheet(HTML) 58 Page - Tyco Electronics

Back Button ADE10S Datasheet HTML 54Page - Tyco Electronics ADE10S Datasheet HTML 55Page - Tyco Electronics ADE10S Datasheet HTML 56Page - Tyco Electronics ADE10S Datasheet HTML 57Page - Tyco Electronics ADE10S Datasheet HTML 58Page - Tyco Electronics ADE10S Datasheet HTML 59Page - Tyco Electronics ADE10S Datasheet HTML 60Page - Tyco Electronics ADE10S Datasheet HTML 61Page - Tyco Electronics ADE10S Datasheet HTML 62Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 326 page
background image
MSSA-01/04 Series
B30
Catalog 1308390
Dimensions are in inches
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-3611-1514
Issued 9-04
and millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in parentheses
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
or brackets are metric equivalents. to change.
C. America: 52-55-5-729-0425
UK: 44-141-810-8967
B
Slide Switches, Instrumentation Grade, .200 Terminal Spacing
MATERIAL SPECIFICATIONS:
Contacts ..................................Silver clad or gold plate
Case Material ..........................Polyester
Actuator Material ....................Polyamide
Terminals ................................Gold or silver plate
Terminal Seal ..........................Epoxy
ENVIRONMENTAL SPECIFICATIONS:
Operating Temperature............-4ºF to +149ºF (-20°C to +65°C)
Storage Temperature................-40°F to +212°F (-40°C to +100°C)
Solder Heat Resistance ............See page M3-4
TYPICAL PERFORMANCE CHARACTERISTICS:
Contact Rating ........................Gold: 0.4 VA max. 20 VDC or peak AC
Silver: 3 A @ 115 VAC, 1.5A @ 230 VAC
Initial Contact Resistance ........20 Milliohms max.
Contact Timing ........................Non-shorting
Insulation Resistance ..............1,000 Megohms @ 500 VDC min.
Dielectric Strength ..................500 Volts RMS @ sea level
Actuation Force ......................600 ±300 Grams
Actuator Travel........................ .120” (3.05) Approximate
Life Expectancy ......................Up to 30,000 Cycles
SPDT
MSSA114D
DPDT
MSSA214N
.450
(11.4)
.470
(11.9)
.112
(2.85)
.120
(3.05)
.030
(7.62)
TYP.
.200
(5.08)
.200
(5.08)
TYP.
.125
(3.18)
TYP.
.043
(1.09)
DIA.
TYP.
.200
(5.08)
TYP.
.200
(5.08)
TYP.
.020
(.508)
TYP.
.315
(8.00)
.110
(2.79)
.115
(2.92)
Tyco
Alcoswitch
Act. Code Pg. M5
Contacts
Electronics
2-1437580-9
MSSA111DG
D
On
None
On
Gold
3-1437580-0
MSSA111EG
E
On
Off
On
Gold
3-1437580-1
MSSA114D
D
On
None
On
Silver
3-1437580-2
MSSA114E
E
On
Off
On
Silver
.112
(2.85)
0.25
(6.35)
.120
(3.05)
.470
(11.9)
.030
(7.62)
TYP.
.125
(3.18)
TYP.
.315
(8.00)
.110
(2.79)
.115
(2.92)
.200
(5.08)
.043
(1.09)
DIA. TYP.
.200
(5.08)
TYP.
.020
(.508)
TYP.
Tyco
Alcoswitch
Act. Code Pg. M5
Contacts
Electronics
4-1437580-9
MSSA211NG
N
On
None
On
Gold
5-1437580-2
MSSA214N
N
On
None
On
Silver



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com