Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE10S Datasheet(PDF) 3 Page - Tyco Electronics

Part # ADE10S
Description  DIP Switches
PDF  326 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

ADE10S Datasheet(HTML) 3 Page - Tyco Electronics

  ADE10S Datasheet HTML 1Page - Tyco Electronics ADE10S Datasheet HTML 2Page - Tyco Electronics ADE10S Datasheet HTML 3Page - Tyco Electronics ADE10S Datasheet HTML 4Page - Tyco Electronics ADE10S Datasheet HTML 5Page - Tyco Electronics ADE10S Datasheet HTML 6Page - Tyco Electronics ADE10S Datasheet HTML 7Page - Tyco Electronics ADE10S Datasheet HTML 8Page - Tyco Electronics ADE10S Datasheet HTML 9Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 326 page
background image
GD Series
A3
Catalog 1308390
Dimensions are in inches
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-3611-1514
Issued 9-04
and millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in parentheses
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
or brackets are metric equivalents. to change.
C. America: 52-55-5-729-0425
UK: 44-141-810-8967
A
DIP Switches, Low Profile, Slide Actuator, Through Hole and Surface Mount
ENVIRONMENTAL SPECIFICATIONS:
Operating Temperature …………-30°C to +85°C
Storage Temperature……………-45°C to +100°C
Solder Heat Resistance …………See page M3-4
FEATURES:
• Conventional gold wiping contact system
• Available in PC and surface mount configurations
• Traditional tape seal standard
• 95% Minimum solder coverage (90/10 tin lead)
• Withstands wave soldering temperature of 245°C for 3-5 seconds
• Heat deflection temperature of 260°C for surface mount compatibility
• End stackable (GDS version)
• Auto-insertable (GDS and GDB version)
• Vacuum pick and place compatible (GDS, GDB and GDH)
• Half pitch .050” terminal spacing (GDH version)
• Available in optional tape & reel packaging
• Shipped in the off position
MATERIAL SPECIFICATIONS:
Moving Contact ……………Gold over nickel over copper alloy
Fixed Contact ………………Gold over nickel over copper alloy
Base Material ………………PPS UL94V-0
Cover Material ………………PPS UL94V-0
Actuator Material ……………High temperature polyester/polyamide
Terminal ……………………Tin lead plated over nickel over
copper alloy
TYPICAL PERFORMANCE CHARACTERISTICS:
Contact Rating ………………0.4 VA @ 24 VDC
Initial Contact Resistance ……100 Milliohms max.
Insulation Resistance ………100 Megohms min. @ 250 VDC
Dielectric Strength …………300 VAC
Life Expectancy ……………1,000 Cycles
Operating Force ……………60-600 Grams
GDS
Low Profile Slide Actuator
PC
S
LENGTH
.024
(0.60)
.047
(1.20)
ON
18
.047
(1.20)
.024
(0.60)
.100
(2.54)
.106
(2.70)
.169
(4.30)
.232
(5.90)
.244
(6.20)
.228
(5.80)
.010
(0.25)
.335
(8.50)
.240
(6.10)
MAX.
.100
(2.54)
.100
(2.54)
TYP.
.300
(7.60)
DIM. M
.325
(8.26)
.060
(1.52)
MIN.
.409
(10.39)
MIN.
.004/.012
(0.10/0.30)
.015
(0.40)
.024–.004
(0.61)–(0.10)
TYP.
.047
(1.20)
.106
(2.70)
.047–.008
(1.20)–(0.20)
TYP.
.100
(2.54)
TYP.
.035–.008
(0.89) (–0.20)
.232
(5.89)
.228
(5.79)
.366–.020
(9.30) (–0.51)
M
¿.031
(0.80)
TYP.
S
PC
End to End Stackable!
Part Number
PC Model
S Model
Tape & Reel
S Model No Tape
Poles
Length
Dim.
Tyco
Alcoswitch
Tyco
Alcoswitch
Tyco
Alcoswitch
Tyco
Alcoswitch
M
Electronics
Electronics
Electronics
Electronics
5-1437590-5
GDS02
5-1437590-7
GDS02S
5-1437590-8
GDS02STR
5-1437590-6
GDS02NTS
2
.194(4.94)
.100(2.54)
5-1437590-9
GDS04
6-1437590-1
GDS04S
6-1437590-2
GDS04STR
6-1437590-0
GDS04NTS
4
.394(10.02)
.300(7.62)
6-1437590-3
GDS06
6-1437590-5
GDS06S
6-1437590-6
GDS06STR
6-1437590-4
GDS06NTS
6
.594(15.10)
.500(12.7)
6-1437590-7
GDS08
6-1437590-9
GDS08S
7-1437590-0
GDS08STR
6-1437590-8
GDS08NTS
8
.794(20.18)
.700(17.78)
7-1437590-1
GDS10
7-1437590-2
GDS10S
7-1437590-3
GDS10STR
—
—
10
.994(25.26)
.900(22.86)
GDS08



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com