Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE10S Datasheet(PDF) 75 Page - Tyco Electronics

Part # ADE10S
Description  DIP Switches
PDF  326 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

ADE10S Datasheet(HTML) 75 Page - Tyco Electronics

Back Button ADE10S Datasheet HTML 71Page - Tyco Electronics ADE10S Datasheet HTML 72Page - Tyco Electronics ADE10S Datasheet HTML 73Page - Tyco Electronics ADE10S Datasheet HTML 74Page - Tyco Electronics ADE10S Datasheet HTML 75Page - Tyco Electronics ADE10S Datasheet HTML 76Page - Tyco Electronics ADE10S Datasheet HTML 77Page - Tyco Electronics ADE10S Datasheet HTML 78Page - Tyco Electronics ADE10S Datasheet HTML 79Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 326 page
background image
B47
Catalog 1308390
Dimensions are in inches
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-3611-1514
Issued 9-04
and millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in parentheses
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
or brackets are metric equivalents. to change.
C. America: 52-55-5-729-0425
UK: 44-141-810-8967
B
MLL Series
.118
(3.00)
.059
(1.50)
.059
(1.50)
.020
(0.50)
.016
(0.40)
.016
(0.40)
.051
(1.30)
.055
(1.40)
.020
(0.50)
.031
(0.80)
.197
(5.00)
.382
(9.70)
.059
(1.50)
.059
(1.50)
.039
(1.00)
.043
(1.09)
.059
(1.50)
.102
(2.60)
.035
(0.90)
.006
(0.15)
.008 (0.20) X 45
° CHAMFER
23
4
1
CIRCUIT DIAGRAM
.039
(1.00)
4x
Ø .045 (1.14) 2x
.019
(0.48)
.035
(0.90) TYP.
.051
(1.30) TYP.
.086
(2.20)
.211
(5.36)
TYP.
.118
(2.99)
.059
(1.50)
.059
(1.50)
.099
(2.51)
TYP.
.197
(5.00)
.071
(1.80)
.032
(0.81) 4x
.304
(7.72)
C
L
.008 (0.20) X 45
° CHAMFER
.008
(0.20)
Slide Switches, Miniature, Right Angle, Surface Mount
MATERIAL SPECIFICATIONS:
Contacts …………………BeCu, copper alloy, 1 micron silver plate
Case Material……………40% G.F. PPS, UL94V-0
Frame……………………Stainless steel, silver plated
Actuator Material ………Nylon, UL94HB polyamide
Terminals ………………Brass, copper alloy, 1 micron silver plate
Terminal Seal……………Epoxy
ENVIRONMENTAL SPECIFICATIONS:
Humidity ………………MIL-STD-202, Method 103, Condition B
Moisture Resistance ……MIL-STD-202, Method 106
Thermal Shock …………MIL-STD-202, Method 107, Condition A
Solder Heat Resistance …230°C per EIA 364-56 Level 2
TYPICAL PERFORMANCE CHARACTERISTICS:
Contact Rating ........................0.3 Amp, 4 VDC
Initial Contact Resistance ........70 Millohms
Insulation Resistance ..............100 Megohms min.
Dielectric Strength ..................100 VAC min.
Actuation Force ......................175 ±100 Grams
Life Expectancy ......................Up to 10,000 Cycles
Travel .......................................0.059 (1.5mm)
.020
(0.50)
.016
(0.40)
.118
(3.00)
.059
(1.50)
12
3
.051
(1.30)
.016
(0.40)
.059
(1.50)
.055
(1.40)
.020
(0.50)
.031
(0.80)
.118
(3.00)
.264
(6.70)
.008 (0.20) X 45
° CHAMFER
.039
(1.00)
4x
Ø .045 (1.14) 2x
.043
(1.17)
.026
(.65)
.059
(1.50)
.102
(2.60)
.035
(0.90)
.031
(0.79)
.028
(0.70) TYP.
.051
(1.30)
.055
(1.40)
.118
(2.99)
.118
(2.99)
.059
(1.50)
.059
(1.50)
TYP.
.152
(3.86)
TYP.
.098
(2.50)
.032
(0.81) 4x
.006
(0.15)
.008 (0.20) X 45
° CHAMFER
CIRCUIT DIAGRAM
.304
(7.72)
C
L
CL
of
actuator
Part Number
Tyco
Alcoswitch
Type
Electronics
1437575-1
MLL1200S
SPDT
1437575-2
MLL1200STR
SPDT
Part Number
Tyco
Alcoswitch
Type
Electronics
1437575-3
MLL1300S
SP3T
SP3T
MLL1200S
SPDT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com