Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE10S Datasheet(PDF) 92 Page - Tyco Electronics

Part # ADE10S
Description  DIP Switches
PDF  326 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

ADE10S Datasheet(HTML) 92 Page - Tyco Electronics

Back Button ADE10S Datasheet HTML 88Page - Tyco Electronics ADE10S Datasheet HTML 89Page - Tyco Electronics ADE10S Datasheet HTML 90Page - Tyco Electronics ADE10S Datasheet HTML 91Page - Tyco Electronics ADE10S Datasheet HTML 92Page - Tyco Electronics ADE10S Datasheet HTML 93Page - Tyco Electronics ADE10S Datasheet HTML 94Page - Tyco Electronics ADE10S Datasheet HTML 95Page - Tyco Electronics ADE10S Datasheet HTML 96Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 326 page
background image
C16
Catalog 1308390
Dimensions are in inches
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-3611-1514
Issued 9-04
and millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in parentheses
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
or brackets are metric equivalents. to change.
C. America: 52-55-5-729-0425
UK: 44-141-810-8967
C
Catalog 1308390
Dimensions are in inches
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-3611-1514
Issued 9-04
and millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in parentheses
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
or brackets are metric equivalents. to change.
C. America: 52-55-5-729-0425
UK: 44-141-810-8967
TT-ES Series
Toggle Switches, Process Sealed, Vertical
MATERIAL SPECIFICATIONS:
Contacts ................................................Gold over nickel
Inner Case Material ..............................High temperature polyester
Outer Case Material ..............................Polyamide
Terminals/Fixed Contacts ....................Tin lead plate
Terminal Seal ........................................Epoxy
Process Seal ..........................................Disposable boot, epoxied double
case
ENVIRONMENTAL SPECIFICATIONS
Operating Temperature ........................-22°F to +185°F (-30°C to +85°C)
Storage Temperature ............................-67°F to +185°F (-55°C to +85°C)
Solder Heat Resistance..........................See page M3-4
TYPICAL PERFORMANCE CHARACTERISTICS:
Contact Rating ......................................0.4VA Max. @ 20 VDC or peak
AC
Initial Contact Resistance......................20 Milliohms max.
Contact Timing......................................Break-before-make
Insulation Resistance ............................1,000 Megohms min. 500 VDC
Dielectric Strength ................................1,000 Volts RMS @ sea level
Plunger/Actuator Travel........................26°
Life Expectancy ....................................See page C8
TT11DGPC1ES
Tyco
Alcoswitch
Type
Act. Code
Electronics
P. M5
TT11AGPC9T1/4ES
SPST
A
On None Off
6-1437830-2
TT11DGPC9T1/4ES
SPDT
D
On None On
TT11EGPC9T1/4ES
SPDT
E
On
Off (On)
TT21KGPC9T1/4ES
DPST
K
On None Off
Note: No center terminal "A" or "K" action switches.
Tyco
Alcoswitch
Type
Act. Code
Electronics
P. M5
1-1437562-2
TT21NGPC9T1/4ES
DPDT
N
On None On
TT21PGPC9T1/4ES
DPDT
P
On
Off On
(On) indicates momentary position.
1 & 2 POLE
THREADED BUSHING
TT11DGPC9T1/4ES
Tyco
Alcoswitch
Type
Act. Code P. M5
Electronics
2-1437561-4
TT11AGPC1ES
SPST
A
On None Off
2-1437561-7
TT11DGPC1ES
SPDT
D
On None On
Note: No center terminal "A".
Tyco
Alcoswitch
Type
Act. Code P. M5
Electronics
1437562-4
TT21NGPC1ES
DPDT
N
On None On
.100
(2.54)
.186
(4.72)
DIA.
.172
(4.37)
TO FLAT
26
°
.221
(5.61)
.100
(2.50)
DIA.
.194
(4.93)
.380
(9.65)
.119
(3.02)
.020
(0.51)
TYP.
.043
(1.09)
TYP. DIA.
.030
(0.76)
.390
(9.91)
.406
(10.31)
.356
(9.04)
3
2
1
.186
(4.72)
DIA.
.172
(4.37)
TO FLAT
.100
(2.54)
.043
(1.09)
TYP. DIA.
.030
(0.76)
.390
(9.91)
.482
(12.24)
.200
(5.10)
3
2
1
6
5
4
.200
(5.08)
.100
(2.54)
TYP.
26
°
.421
(10.69)
.100
(2.50)
DIA.
.289
(7.34)
DP
SP
.280
(7.11)
.380
(9.65)
.422
(10.72)
.030
(0.76)
.340
(8.64)
.020
(0.51)
TYP.
.043
(1.09)
TYP. DIA.
.020Dp. X .040L
(0.51)Dp. X (1.00)L
KEYWAY
1
2
3
1/4-40 UNS-2A
.100
(2.54)
.227
(5.77)
TO FLAT
.227
(5.77)
TO FLAT
.200
(5.08)
.043
(1.09)
TYP. DIA.
.020Dp. X .040W
(0.51)Dp. X (1.00)W
KEYWAY
.390
(9.91)
.030
(0.76)
.200
(5.10)
.482
(12.24)
1
2
3
6
5
4
.119
(3.02) DP
.128
(3.25) SP
APPLICATION NOTE: Each switch is provided with a disposable
boot used only during cleaning operation.
TT21NGPC9T1/4ES
1 & 2 POLE
UNTHREADED BUSHING
* Refer to Page C8 for Other Options *
Note: Hardware included with switch



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com