Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE10S Datasheet(PDF) 114 Page - Tyco Electronics

Part # ADE10S
Description  DIP Switches
PDF  326 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

ADE10S Datasheet(HTML) 114 Page - Tyco Electronics

Back Button ADE10S Datasheet HTML 110Page - Tyco Electronics ADE10S Datasheet HTML 111Page - Tyco Electronics ADE10S Datasheet HTML 112Page - Tyco Electronics ADE10S Datasheet HTML 113Page - Tyco Electronics ADE10S Datasheet HTML 114Page - Tyco Electronics ADE10S Datasheet HTML 115Page - Tyco Electronics ADE10S Datasheet HTML 116Page - Tyco Electronics ADE10S Datasheet HTML 117Page - Tyco Electronics ADE10S Datasheet HTML 118Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 114 / 326 page
background image
D24
Catalog 1308390
Dimensions are in inches
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-3611-1514
Issued 9-04
and millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in parentheses
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
or brackets are metric equivalents. to change.
C. America: 52-55-5-729-0425
UK: 44-141-810-8967
D
MPG Series
Pushbutton Switches, 15/32 Bushing, Mustang, Wire Lug or PC Tails, 6 Amp
MATERIAL SPECIFICATIONS:
Contacts ..................................Silver clad copper with gold flash
Case Material ..........................Thermoset
Terminals ................................Copper with gold flash finish
Terminal Seal ..........................Molded in
ENVIRONMENTAL SPECIFICATIONS:
Operating Temperature............-4°F to +176°F (-20°C to +80°C)
Storage Temperature................-40F to +176°F (-40°C to +80°C)
Solder Heat Resistance ............See page M3-4
DPDT
Black Cap supplied.
4PDT
Black Cap supplied.
Part Number
Tyco Electronics
Alcoswitch Type Act. Code P. M6 Action
Terminals
4-1437567-9
MPG106D
SPDT
23
Push on/Push off
Wire Lug
5-1437567-0
MPG106F
SPDT
19
Momentary
Wire Lug
Part Number
Act. Code
Tyco Electronics
Alcoswitch
Type
P. M6
Action
Terminals
5-1437567-1
MPG206N
DPDT
24
Push on/Push off
Wire Lug
5-1437567-3
MPG206R
DPDT
20
Momentary
Wire Lug
5-1437567-2
MPG206NPC
DPDT
24
Push on/Push off
PC
5-1437567-4
MPG206RPC
DPDT
20
Momentary
PC
Part Number
Tyco Electronics
Alcoswitch Type
Act. Code P. M6 Action
Terminals
5-1437567-5
MPG306D
3PDT
25
Push on/Push off
Wire Lug
5-1437567-6
MPG306F
3PDT
21
Momentary
Wire Lug
Part Number
Tyco Electronics
Alcoswitch Type
Act. Code P. M6 Action
Terminals
5-1437567-7
MPG406N
4PDT
25
Push on/Push off
Wire Lug
5-1437567-8
MPG406R
4PDT
21
Momentary
Wire Lug
TYPICAL PERFORMANCE CHARACTERISTICS:
Contact Rating ........................6 A @ 125 VAC, 3 A @ 250 VAC
Initial Contact Resistance ........10 Milliohms max.
Contact Timing ........................Break-before-make
Insulation Resistance ..............1,000 Megohms min.
Dielectric Strength ..................1,500 Volts RMS @ sea level
Actuation Force ......................1.3 to 2.7 lbs.
Actuator Travel.........................138" (3.51)
Life Expectancy ......................Up to 50,000 Actuations
Note: Hardware included with switches
SPDT
Black Cap supplied.
MPG406N
MPG206NPC
MPG106D
MPG306D
3PDT
Black Cap supplied.
.315
(8.00)
.512
(13.0)
.090
(2.28)
TYP.
.460
(11.68)
.354
(8.99)
.125
(3.17)
DIA..
.443
(11.25)
.440
(11.18)
.065 (1.65)
.060 (1.52)
.157
(3.99)
.170
(4.31)
TYP.
15/32-32 UNS-2A
.138
(3.50)
.473
(12.0)
.315
(8.00)
.354
(8.99)
DIA.
.031
(0.78)
.040 Dp. x .070 W
(1.00 Dp. x 1.80 W)
KEYWAY
.472
(11.9)
.468
(11.8)
DIA.
.280
(7.11)
DIA.
.472
(11.9)
.468
(11.8)
DIA.
.460
(11.68)
.354
(8.99)
.125
(3.17)
DIA.
.443
(11.25)
.440
(11.18)
.065 (1.65)
.060 (1.52)
.157
(3.99)
.170
(4.31)
TYP.
15/32-32 UNS-2A
.138
(3.50)
.473
(12.00)
.315
(8.00)
.354
(8.99)
DIA.
.031
(0.78)
.040 Dp. x .070 W
(1.00 Dp. x 1.80 W)
KEYWAY
.472
(11.9)
.468
(11.8)
DIA.
.280
(7.11)
DIA.
.472
(11.9)
.468
(11.8)
DIA.
.512
(13.0)
.190
(4.82)
TYP.
.512
(13.0)
.555
(14.10)
.354
(8.99)
.125
(3.18)
DIA.
.443
(11.25)
.440
(11.18)
.065 (1.65)
.060 (1.52)
.701
(17.81)
.190
(4.82)
TYP.
.090
(2.28)
TYP.
.512
(13.0)
.157
(3.99)
.170
(4.31)
TYP.
15/32-32 UNS-2A
.138
(3.50)
.473
(12.0)
.315
(8.00)
.354
(8.99)
DIA.
.031
(0.78)
.040 Dp. x .070 W
(1.00 Dp. x 1.80 W)
KEYWAY
.472
(11.9)
.468
(11.8)
DIA.
.280
(7.11)
DIA.
.472
(11.9)
.468
(11.8)
DIA.
.555
(14.10)
.354
(8.99)
.125
(3.18)
DIA.
.443
(11.25)
.440
(11.18)
.065 (1.65)
.060 (1.52)
.157
(3.99)
.170
(4.31)
TYP.
15/32-32 UNS-2A
.138
(3.50)
.473
(12.0)
.315
(8.00)
.354
(8.99)
DIA.
.031
(0.78)
.040 Dp. x .070 W
(1.00 Dp. x 1.80 W)
KEYWAY
.472
(11.9)
.468
(11.8)
DIA.
.280
(7.11)
DIA.
.472
(11.9)
.468
(11.8)
DIA.
.889
(22.58)
.190
(4.82)
TYP.
.512
(13.0)
Other Caps Available, order separately
(See Cap Model C9 on page D32.)
Other Caps Available, order separately
(See Cap Model C9 on page D32.)
Other Caps Available, order separately
(See Cap Model C9 on page D32.)
Other Caps Available, order separately
(See Cap Model C9 on page D32.)
.190
(4.83)
TYP.
.170
(4.32)
TYP.
.073
(1.85)
Dia.
Typ.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com