Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE10S Datasheet(PDF) 127 Page - Tyco Electronics

Part # ADE10S
Description  DIP Switches
PDF  326 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

ADE10S Datasheet(HTML) 127 Page - Tyco Electronics

Back Button ADE10S Datasheet HTML 123Page - Tyco Electronics ADE10S Datasheet HTML 124Page - Tyco Electronics ADE10S Datasheet HTML 125Page - Tyco Electronics ADE10S Datasheet HTML 126Page - Tyco Electronics ADE10S Datasheet HTML 127Page - Tyco Electronics ADE10S Datasheet HTML 128Page - Tyco Electronics ADE10S Datasheet HTML 129Page - Tyco Electronics ADE10S Datasheet HTML 130Page - Tyco Electronics ADE10S Datasheet HTML 131Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 127 / 326 page
background image
D
TSP Series
D3
Catalog 1308390
Dimensions are in inches
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-3611-1514
Issued 9-04
and millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in parentheses
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
or brackets are metric equivalents. to change.
C. America: 52-55-5-729-0425
UK: 44-141-810-8967
Pushbutton Switches, Tiny, Process Sealed
FEATURES:
• High temperature plastics — liquid crystal polymer (LCP)
• Specifically designed for thru-hole and surface mount
• Tin-lead plated terminals
• Washable process sealed construction — internal actuator O-ring
MATERIAL SPECIFICATIONS:
Contacts ..................................Copper Alloy with gold over nickel plating-
Case & Bushing ......................Thermoplastic (LCP)
Actuator ..................................Glass reinforced nylon
Nickel Plating Inside ..............Tin plating outside
Support Bracket ......................Tin plated steel
Terminals ................................Copper alloy with gold over nickel plating
ENVIRONMENTAL SPECIFICATIONS:
Operating Temperature............ -22°F to +185°F (-30°C to +85ºC)
Storage Temperature................-67°F to +185°F (-55°C to +85ºC)
TYPICAL PERFORMANCE CHARACTERISTICS:
Contact Rating ........................0.4 VA @ 20 VAC/DC
Initial Contact Resistance ........20 Milliohms max.
Insulation Resistance ..............1,000 Megohms @ 500 VDC min.
Terminal Seal ..........................Epoxy
Actuator Travel.........................035" (0,89)
Actuator Seal ..........................O-Ring
Dielectric Strength ..................C - 1000 VDC RMS @ sea level
F - 500 VDC RMS @ sea level
Life Expectancy ......................C - Up to 80,000 Cycles
F - Up to 60,000 Cycles
FUNCTION CHART
The following functions available in single pole.
C Function
2 Positions
Off
(On)
SPST
Terminals Connected
1-3
Omit center terminal for function C
F Function
2 positions
On
(On)
SPDT
Terminal Connected
1-2
2-3
Off Indicates a mechanical position with no electrical connection.
(ON)
INDICATES MOMENTARY ACTION
O-Ring Seal
at Plunger
Bushing Interface
Ultrasonic
Weld of
Bushing
to Case
Epoxy
Sealed
Terminals
Tin-Lead Plated
Terminals Standard
(0.4 VA Rating Only)
95% Solder
Coverage Standard
High Temperature
Thermoplastic
Housing
PC PC MOUNT
.043 DIA.
(1,09)
TYP.
.195
(4.95)
.030
(0.76)
.189
(4.80)
DIA.
.200
(5.08)
.180
(4.58)
DIA.
.100
(2.54)
DIA.
.170
(4.32)
.360
(9.14)
.040
(1.02)
.125
(3.18)
.020
(0.51)
TYP.
.320
(8.13)
3
1
.195
(4.95)
.200
(5.08)
C = Off (On)
F = On (On)
PC = P.C.
PCV = P .C. w/bracket
RA = Right Angle
VRA = Vertical Right Angle
SPC = SurfaceMount
SRA = Surface Mount R.A.
SRAB = SurfaceMount R.A. Butt
Std. .200" long
F = Flush
0=Black
2=Red
PART NUMBERING MATRIX
Bushing
Model
(Plain)
Actuator
Poles
Rating
Function
Plating
Terminations
Colors
TSP
D1
1G



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com