Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE10S Datasheet(PDF) 274 Page - Tyco Electronics

Part # ADE10S
Description  DIP Switches
PDF  326 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

ADE10S Datasheet(HTML) 274 Page - Tyco Electronics

Back Button ADE10S Datasheet HTML 270Page - Tyco Electronics ADE10S Datasheet HTML 271Page - Tyco Electronics ADE10S Datasheet HTML 272Page - Tyco Electronics ADE10S Datasheet HTML 273Page - Tyco Electronics ADE10S Datasheet HTML 274Page - Tyco Electronics ADE10S Datasheet HTML 275Page - Tyco Electronics ADE10S Datasheet HTML 276Page - Tyco Electronics ADE10S Datasheet HTML 277Page - Tyco Electronics ADE10S Datasheet HTML 278Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 274 / 326 page
background image
Microswitches
L3
Catalog 1308390
Dimensions are in inches
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-3611-1514
Issued 9-04
and millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in parentheses
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
or brackets are metric equivalents. to change.
C. America: 52-55-5-729-0425
UK: 44-141-810-8967
L
Technical Information
Alcoswitch miniature microswitches are offered with many options to suit most typical
applications.
These switches are available in a current range from 16A to .1A. Additional options
available throughout the different current ratings include:
Pin Plunger
Short, normal and long lever
Short and normal roller
Simulated lever
SPDT, SPNO and SPNC circuitry
Within the 16A range, in addition to two different terminal options, there are three different
actuation force options.
You can count on this offering of switches to be high reliability and low cost to fulfill your
basic microswitch needs. Of course if you need something custom, we can offer that also.
Contact your Tyco Electronics sales engineer for details.
Performance Information
Amp Rating
16
5
0.1
Insulation Resistance
Min. 100M ohm
Contact Resistance
max 15M ohm
Max 50M ohm
Dielectric
Between Non-consecutive terminals
AC 2,000V
Strength
Between each terminal & earth
AC 2,000V
Operating Speed
0.2mm/sec - 1,000mm/sec
1mm/sec - 500mm/sec
Max Allowed Mechanical Open/close Frequencies
600 Cycles/min
300 Cycles/min
Shock Resistance (without lever)
300mm/sec2 (approx 30G)
Vibration Resistance (without lever)
1.5mm 10 - 55Hz (2Hr)
1.5mm 10 - 20Hz (2Hr)
Electrical Life
100,000 Operations at rated load
1,000,000 Operations
(max 20 Operations/min)
Mechanical Life
10,000,000 operations
(Max 200 operations/min)
Safety Approval
UL / CSA / VDE
Operating Temperature Range
-20°C to +130°C RH85% Max
-30°C to +130°C RH90% Max
See drawings for DC ratings.
Materials
5 & 16A
.1A
Case and Cover
P.B.T Resin, UL 94 V-0
P.B.T Resin, UL 94 V-0
Movable Contactor
Brass, Sliver Plated
Phosphor Bronze
Guide Plate
Brass, Sliver Plated
Brass, Sliver Plated
Plate Spring
Beryllium Copper
Beryllium Copper
Terminal Aid
Brass
Brass
Contact
Silver Alloy
Gold Alloy
Common Terminal
Brass, Sliver Plated
Brass, Sliver Plated
Terminals
Brass, Sliver Plated
Brass
Actuator
Phenolic Resin, UL 94 V-0
Phenolic Resin, UL 94 V-0
Lever
Stainless Steel
Stainless Steel
Miniature Microswitch Introduction



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com