Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9523-1/PCBZ Datasheet(PDF) 42 Page - Analog Devices

Part # AD9523-1/PCBZ
Description  Low Jitter Clock Generator
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9523-1/PCBZ Datasheet(HTML) 42 Page - Analog Devices

Back Button AD9523-1/PCBZ Datasheet HTML 38Page - Analog Devices AD9523-1/PCBZ Datasheet HTML 39Page - Analog Devices AD9523-1/PCBZ Datasheet HTML 40Page - Analog Devices AD9523-1/PCBZ Datasheet HTML 41Page - Analog Devices AD9523-1/PCBZ Datasheet HTML 42Page - Analog Devices AD9523-1/PCBZ Datasheet HTML 43Page - Analog Devices AD9523-1/PCBZ Datasheet HTML 44Page - Analog Devices AD9523-1/PCBZ Datasheet HTML 45Page - Analog Devices AD9523-1/PCBZ Datasheet HTML 46Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 60 page
background image
AD9523-1
Rev. B | Page 42 of 60
Addr
(Hex)
Register
Name
(MSB)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
(LSB)
Bit 0
Default
Value
(Hex)
0x1A2
Channel 6
control
Invert
divider
output
Ignore
sync
Power
down
channel
Lower power
mode
Driver mode
0x00
0x1A3
10-bit channel divider[7:0] (LSB)
0x1F
0x1A4
Divider phase[5:0]
10-bit channel divider[9:8] (MSB)
0x04
0x1A5
Channel 7
control
Invert
divider
output
Ignore
sync
Power
down
channel
Lower power
mode
Driver mode
0x20
0x1A6
10-bit channel divider[7:0] (LSB)
0x1F
0x1A7
Divider phase[5:0]
10-bit channel divider[9:8] (MSB)
0x04
0x1A8
Channel 8
control
Invert
divider
output
Ignore
sync
Power
down
channel
Lower power
mode
Driver mode
0x00
0x1A9
10-bit channel divider[7:0] (LSB)
0x1F
0x1AA
Divider phase[5:0]
10-bit channel divider[9:8] (MSB)
0x04
0x1AB
Channel 9
control
Invert
divider
output
Ignore
sync
Power
down
channel
Lower power
mode
Driver mode
0x20
0x1AC
10-bit channel divider[7:0] (LSB)
0x1F
0x1AD
Divider phase[5:0]
10-bit channel divider[9:8] (MSB)
0x04
0x1AE
Channel 10
control
Invert
divider
output
Ignore
sync
Power
down
channel
Lower power
mode
Driver mode
0x00
0x1AF
10-bit channel divider[7:0] (LSB)
0x1F
0x1B0
Divider phase[5:0]
10-bit channel divider[9:8] (MSB)
0x04
0x1B1
Channel 11
control
Invert
divider
output
Ignore
sync
Power
down
channel
Lower power
mode
Driver mode
0x20
0x1B2
10-bit channel divider[7:0] (LSB)
0x1F
0x1B3
Divider phase[5:0]
10-bit channel divider[9:8] (MSB)
0x04
0x1B4
Channel 12
control
Invert
divider
output
Ignore
sync
Power
down
channel
Lower power
mode
Driver mode
0x00
0x1B5
10-bit channel divider[7:0] (LSB)
0x1F
0x1B6
Divider phase[5:0]
10-bit channel divider[9:8] (MSB)
0x04
0x1B7
Channel 13
control
Invert
divider
output
Ignore
sync
Power
down
channel
Lower power
mode
Driver mode
0x20
0x1B8
10-bit channel divider[7:0] (LSB)
0x1F
0x1B9
Divider phase[5:0]
10-bit channel divider[9:8] (MSB)
0x04
0x1BA
PLL1 output
control
CLK2 select[2:0]
PLL1 output
CMOS driver
strength
Out PLL1 output
0x00
0x1BB
PLL1 output
channel
control
PLL1
output
driver
power-
down
CLK2 select[5:3]
Reserved
Route
VCXO
clock to
Ch 3
divider
input
Route
VCXO
clock to
Ch 2
divider
input
Route VCXO
clock to Ch 1
divider input
Route VCXO
clock to Ch 0
divider input
0x80
Readback
0x22C
Readback 0
Status
PLL2
reference
clock
Status
PLL2
feedback
clock
Status
VCXO
Status
REF_TEST
Status
REFB
Status
REFA
Lock detect
PLL2
Lock detect
PLL1
0x22D
Readback 1
Reserved
Reserved
Reserved
Reserved
Holdover
active
Selected
reference
(in auto
mode)
Reserved
VCO
calibration
in progress
0x22E
Readback 2
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
0x22F
Readback 3
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com