Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9523-1/PCBZ Datasheet(PDF) 52 Page - Analog Devices

Part # AD9523-1/PCBZ
Description  Low Jitter Clock Generator
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9523-1/PCBZ Datasheet(HTML) 52 Page - Analog Devices

Back Button AD9523-1/PCBZ Datasheet HTML 48Page - Analog Devices AD9523-1/PCBZ Datasheet HTML 49Page - Analog Devices AD9523-1/PCBZ Datasheet HTML 50Page - Analog Devices AD9523-1/PCBZ Datasheet HTML 51Page - Analog Devices AD9523-1/PCBZ Datasheet HTML 52Page - Analog Devices AD9523-1/PCBZ Datasheet HTML 53Page - Analog Devices AD9523-1/PCBZ Datasheet HTML 54Page - Analog Devices AD9523-1/PCBZ Datasheet HTML 55Page - Analog Devices AD9523-1/PCBZ Datasheet HTML 56Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 60 page
background image
AD9523-1
Rev. B | Page 52 of 60
Address
Bits
Bit Name
Description
0x191
[7:0]
Channel divider,
Bits[7:0] (LSB)
Division = Channel Divider Bits[9:0] + 1. For example, [9:0] = 0 is divided by 1, [9:0] = 1
is divided by 2 … [9:0] = 1023 is divided by 1024. 10-bit channel divider, Bits[7:0] (LSB).
[7:2]
Divider phase
Divider initial phase after a sync is asserted relative to the divider input clock (from the
VCO divider output). LSB = ½ of a period of the divider input clock.
Phase = 0: no phase offset.
Phase = 1: ½ period offset, …
Phase = 63: 31.5 period offset.
0x192
[1:0]
Channel divider, Bits[9:8] (MSB)
10-bit channel divider, Bits[9:8] (MSB).
Table 52. PLL1 Output Control (PLL1_OUT, Pin 72)
Address
Bits
Bit Name
Description
[7:5]
CLK2 select[2:0]
Bits[2:0] of the VCO divider channel select.
Bit 7 selects Channel Output 6.
Bit 6 selects Channel Output 5.
Bit 5 selects Channel Output 4.
0: VCO Divider M1.
1: VCO Divider M2.
4
PLL1 output CMOS driver
strength
CMOS driver strength.
1: weak.
0: strong.
0x1BA
[3:0]
PLL1 output divider
0000: divide-by-1.
0001: divide-by-2 (default).
0010: divide-by-4.
0100: divide-by-8.
1000: divide-by-16.
No other inputs permitted.
Table 53. PLL1 Output Channel Control
Address
Bits
Bit Name
Description
7
PLL1 output driver power-down
PLL1 output driver power-down.
[6:4]
CLK2 select[5:3]
Bits[5:3] of the VCO divider channel select.
Bit 6 selects Channel Output 9.
Bit 5 selects Channel Output 8.
Bit 4 selects Channel Output 7.
0: VCO Divider M1.
1: VCO Divider M2.
3
Route VCXO clock to
Channel 3 divider input
1: channel uses VCXO clock. Routes VCXO clock to divider input.
0: channel uses VCO divider output clock.
2
Route VCXO clock to
Channel 2 divider input
1: channel uses VCXO clock. Routes VCXO clock to divider input.
0: channel uses VCO divider output clock.
1
Route VCXO clock to
Channel 1 divider input
1: channel uses VCXO clock. Routes VCXO clock to divider input.
0: channel uses VCO divider output clock.
0x1BB
0
Route VCXO clock to
Channel 0 divider input
1: channel uses VCXO clock. Routes VCXO clock to divider input.
0: channel uses VCO divider output clock.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com