Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9523-1/PCBZ Datasheet(PDF) 21 Page - Analog Devices

Part # AD9523-1/PCBZ
Description  Low Jitter Clock Generator
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9523-1/PCBZ Datasheet(HTML) 21 Page - Analog Devices

Back Button AD9523-1/PCBZ Datasheet HTML 17Page - Analog Devices AD9523-1/PCBZ Datasheet HTML 18Page - Analog Devices AD9523-1/PCBZ Datasheet HTML 19Page - Analog Devices AD9523-1/PCBZ Datasheet HTML 20Page - Analog Devices AD9523-1/PCBZ Datasheet HTML 21Page - Analog Devices AD9523-1/PCBZ Datasheet HTML 22Page - Analog Devices AD9523-1/PCBZ Datasheet HTML 23Page - Analog Devices AD9523-1/PCBZ Datasheet HTML 24Page - Analog Devices AD9523-1/PCBZ Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 60 page
background image
AD9523-1
Rev. B | Page 21 of 60
THEORY OF OPERATION
DETAILED BLOCK DIAGRAM
CHARGE
PUMP
VCXO
SWITCH-
OVER
CONTROL
M2
OUT13
OUT12
OUT11
OUT10
OUT9
OUT8
OUT7
OUT6
OUT5
OUT4
OUT3
OUT2
OUT1
OUT0
OUT13
OUT12
OUT11
OUT10
OUT9
OUT8
OUT7
OUT6
OUT5
OUT4
OUT3
OUT2
OUT1
OUT0
STATUS MONITOR
LOCK DETECT/
SERIAL PORT
ADDRESS
CONTROL
INTERFACE
(SDI AND I2C)
SCLK/SCL
SDO
SDIO/SDA
÷N2
PLL2
LDO_DIV_MI
LOOP
FILTER
LOOP
FILTER
CHARGE
PUMP
PLL1
LOCK
DETECT
LOCK
DETECT
P
F
D
ZD_IN
ZD_IN
PD
RESET
SYNC
÷D
∆t
EDGE
SELECT
÷D
∆t
EDGE
SELECT
÷D
∆t
EDGE
SELECT
÷D
FANOUT
∆t
EDGE
SELECT
∆t
EDGE
SELECT
∆t
EDGE
SELECT
∆t
EDGE
SELECT
∆t
EDGE
SELECT
∆t
EDGE
SELECT
∆t
EDGE
SELECT
÷D
∆t
EDGE
SELECT
÷D
∆t
EDGE
SELECT
÷D
∆t
EDGE
SELECT
÷D
∆t
EDGE
SELECT
PLL1_OUT
VDD1.8_OUT[x:y]
REFA
REFA
REFB
REFB
AD9523-1
REF_SEL
STATUS0/
SP0
STATUS1/
SP1
EEPROM
EEPROM_SEL
LF2_EXT_CAP
LF1_EXT_CAP
REF_TEST
OSC_CTRL
OSC_IN
CS
÷R1
÷R1
÷N1
LDO_PLL1
LDO_VCO
VDD3_OUT[x:y]
VDD3_PLL
VDD3_VCO
VCO
P
F
D
÷R1
÷D1
÷R2
×2
M1
FANOUT
÷D
÷D
÷D
÷D
÷D
÷D
Figure 24. Top Level Diagram
OVERVIEW
The AD9523-1 is a clock generator that employs integer-N-based
phase-locked loops (PLL). The device architecture consists of two
cascaded PLL stages. The first stage, PLL1, consists of an integer
division PLL that uses an external voltage-controlled crystal
oscillator (VCXO) from 15 MHz to 250 MHz. PLL1 has a narrow-
loop bandwidth that provides initial jitter cleanup of the input
reference signal. The second stage, PLL2, is a frequency
multiplying PLL that translates the first stage output frequency
to a range of 2.94 GHz to 2.96 GHz. PLL2 incorporates an
integer-based feedback divider that enables integer frequency
multiplication. Programmable integer dividers (1 to 1024) follow
PLL2, establishing a final output frequency of 1 GHz or less.
The AD9523-1 includes reference signal processing blocks that
enable a smooth switching transition between two reference inputs.
This circuitry automatically detects the presence of the reference
input signals. If only one input is present, the device uses it as
the active reference. If both are present, one becomes the active
reference and the other becomes the backup reference. If the active
reference fails, the circuitry automatically switches to the backup
reference (if available), making it the new active reference.
A register setting determines what action to take if the failed
reference is once again available: either stay on Reference B or
revert to Reference A. If neither reference is usable, the AD9523-1
supports a holdover mode. A reference select pin (REF_SEL,
Pin 16) is available to manually select which input reference is
active (see Table 42). The accuracy of the holdover is dependent
on the external VCXO frequency stability at half supply voltage.
Any of the divider settings are programmable via the serial
programming port, enabling a wide range of input/output
frequency ratios under program control. The dividers also
include a programmable delay to adjust timing of the output
signals, if required.
The output is compatible with LVPECL, LVDS, or HSTL logic
levels (see the Input/Output Termination Recommendations
section); however, the AD9523-1 is implemented only in CMOS.
The loop filters of each PLL are integrated and programmable.
Only a single external capacitor for each of the two PLL loop
filters is required.
The AD9523-1 operates over the extended industrial temperature
range of −40°C to +85°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com