Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9523-1/PCBZ Datasheet(PDF) 47 Page - Analog Devices

Part # AD9523-1/PCBZ
Description  Low Jitter Clock Generator
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9523-1/PCBZ Datasheet(HTML) 47 Page - Analog Devices

Back Button AD9523-1/PCBZ Datasheet HTML 43Page - Analog Devices AD9523-1/PCBZ Datasheet HTML 44Page - Analog Devices AD9523-1/PCBZ Datasheet HTML 45Page - Analog Devices AD9523-1/PCBZ Datasheet HTML 46Page - Analog Devices AD9523-1/PCBZ Datasheet HTML 47Page - Analog Devices AD9523-1/PCBZ Datasheet HTML 48Page - Analog Devices AD9523-1/PCBZ Datasheet HTML 49Page - Analog Devices AD9523-1/PCBZ Datasheet HTML 50Page - Analog Devices AD9523-1/PCBZ Datasheet HTML 51Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 60 page
background image
AD9523-1
Rev. B | Page 47 of 60
Table 40. PLL1 Input Receiver Control
Address
Bits
Bit Name
Description
7
REF_TEST input receiver enable
1: enabled.
0: disabled (default).
6
REFB differential receiver enable
1: differential receiver mode.
0: single-ended receiver mode (also depends on Register 0x01B, Bit 1) (default).
5
REFA differential receiver enable
1: differential receiver mode.
0: single-ended receiver mode (also depends on Register 0x01B, Bit 0) (default).
4
REFB receiver enable
REFB receiver power-down control mode only when Bit 2 = 1.
1: enable REFB receiver.
0: power-down (default).
3
REFA receiver enable
REFA receiver power-down control mode only when Bit 2 = 1.
1: enable REFA receiver.
0: power-down (default).
2
Input REFA and REFB receiver
power-down control enable
Enables control over power-down of the input receivers, REFA and REFB.
1: power-down control enabled.
0: both receivers enabled (default).
1
OSC_IN single-ended receiver
mode enable (CMOS mode)
Selects which single-ended input pin is enabled when in the single-ended receiver
mode (Register 0x01A, Bit 0 = 0).
1: negative receiver from oscillator input (OSC_IN pin) selected.
0: positive receiver from oscillator input (OSC_IN pin) selected (default).
0x01A
0
OSC_IN differential receiver mode
enable
1: differential receiver mode.
0: single-ended receiver mode (also depends on Bit 1) (default).
Table 41. REF_TEST, REFA, REFB, and ZD_IN Control
Address
Bits
Bit Name
Description
7
Bypass REF_TEST divider
Puts the divider into bypass mode (same as programming the divider word to 0 or 1).
1: divider in bypass mode (divide = 1).
0: divider normal operation.
6
Bypass feedback divider
Puts the divider into bypass mode (same as programming the divider word to 0 or 1).
1: divider in bypass mode (divide = 1).
0: divider normal operation.
5
Zero delay mode
Selects the zero delay mode used (via the ZD_IN pin) when Register 0x01B, Bit 4 = 0.
Otherwise, this bit is ignored.
1: internal zero delay mode. The zero delay receiver is powered down. The internal
zero delay path from Distribution Divider Channel 0 is used.
0: external zero delay mode. The ZD_IN receiver is enabled.
4
OSC_IN signal feedback for PLL1
Controls the input PLL feedback path, local feedback from the OSC_IN receiver or
zero delay mode.
1: OSC_IN receiver input used for the input PLL feedback (non-zero delay mode).
0: zero delay mode enabled (also depends on Register 0x01B, Bit 4 to select the
zero delay path.
3
ZD_IN single-ended receiver
mode enable (CMOS mode)
Selects which single-ended input pin is enabled when in the single-ended receiver
mode (Register 0x01B, Bit 2 = 0).
1: ZD_IN pin enabled.
0: ZD_IN pin enabled.
2
ZD_IN differential receiver mode
enable
1: differential receiver mode.
0: single-ended receiver mode (also depends on Register 0x01B, Bit 3).
1
REFB single-ended receiver mode
enable (CMOS mode)
Selects which single-ended input pin is enabled when in single-ended receiver mode
(Register 0x01A, Bit 6 = 0).
1: REFB pin enabled.
0: REFB pin enabled.
0x01B
0
REFA single-ended receiver mode
enable (CMOS mode)
Selects which single-ended input pin is enabled when in single-ended receiver mode
(Register 0x01A, Bit 5 = 0).
1: REFA pin enabled.
0: REFA pin enabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com