Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9523-1/PCBZ Datasheet(PDF) 51 Page - Analog Devices

Part # AD9523-1/PCBZ
Description  Low Jitter Clock Generator
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9523-1/PCBZ Datasheet(HTML) 51 Page - Analog Devices

Back Button AD9523-1/PCBZ Datasheet HTML 47Page - Analog Devices AD9523-1/PCBZ Datasheet HTML 48Page - Analog Devices AD9523-1/PCBZ Datasheet HTML 49Page - Analog Devices AD9523-1/PCBZ Datasheet HTML 50Page - Analog Devices AD9523-1/PCBZ Datasheet HTML 51Page - Analog Devices AD9523-1/PCBZ Datasheet HTML 52Page - Analog Devices AD9523-1/PCBZ Datasheet HTML 53Page - Analog Devices AD9523-1/PCBZ Datasheet HTML 54Page - Analog Devices AD9523-1/PCBZ Datasheet HTML 55Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 60 page
background image
AD9523-1
Rev. B | Page 51 of 60
Table 50. PLL2 R2 Divider
Address
Bits
Bit Name
Description
0x0F7
[7:5]
Reserved
Reserved.
[4:0]
PLL2 R2 divider
Divide-by-1 to divide-by-31.
00000, 00001: divide-by-1.
Clock Distribution (Register 0x190 to Register 0x1B9)
Table 51. Channel 0 to Channel 13 Control (This Same Map Applies to All 14 Channels)
Address
Bits
Bit Name
Description
7
Invert divider output
Inverts the polarity of the divider’s output clock.
6
Ignore sync
0: obeys chip-level SYNC signal (default).
1: ignores chip-level SYNC signal.
5
Power down channel
1: powers down the entire channel.
0: normal operation.
4
Lower power mode
(differential modes only)
Reduces power used in the differential output modes (LVDS/LVPECL/HSTL). This
reduction may result in power savings but at the expense of performance. Note that
this bit does not affect output swing and current, just the internal driver power.
1: low strength/lower power.
0: normal operation.
Driver mode.
Bit 3
Bit 2
Bit 1
Bit 0
Driver Mode
0
0
0
0
Tristate output
0
0
0
1
LVPECL (8 mA)
0
0
1
0
LVDS (3.5 mA)
0
0
1
1
LVDS (7 mA)
0
1
0
0
HSTL-0 (16 mA)
0
1
0
1
HSTL-1 (8 mA)
0
1
1
0
CMOS (both outputs in phase)
+ Pin: true phase relative to divider output
− Pin: true phase relative to divider output
0
1
1
1
CMOS (opposite phases on outputs)
+ Pin: true phase relative to divider output
− Pin: complement phase relative to divider output
1
0
0
0
CMOS
+ Pin: true phase relative to divider output
− Pin: high-Z
1
0
0
1
CMOS
+ Pin: high-Z
− Pin: true phase relative to divider output
1
0
1
0
CMOS
+ Pin: high-Z
− Pin: high-Z
1
0
1
1
CMOS (both outputs in phase)
+ Pin: complement phase relative to divider output
− Pin: complement phase relative to divider output
1
1
0
0
CMOS (both outputs out of phase)
+ Pin: complement phase relative to divider output
− Pin: true phase relative to divider output
1
1
0
1
CMOS
+ Pin: complement phase relative to divider output
− Pin: high-Z
1
1
1
0
CMOS
+ Pin: high-Z
− Pin: complement phase relative to divider output
0x190
[3:0]
Driver mode
1
1
1
1
Tristate output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com