Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9523-1/PCBZ Datasheet(PDF) 18 Page - Analog Devices

Part # AD9523-1/PCBZ
Description  Low Jitter Clock Generator
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9523-1/PCBZ Datasheet(HTML) 18 Page - Analog Devices

Back Button AD9523-1/PCBZ Datasheet HTML 14Page - Analog Devices AD9523-1/PCBZ Datasheet HTML 15Page - Analog Devices AD9523-1/PCBZ Datasheet HTML 16Page - Analog Devices AD9523-1/PCBZ Datasheet HTML 17Page - Analog Devices AD9523-1/PCBZ Datasheet HTML 18Page - Analog Devices AD9523-1/PCBZ Datasheet HTML 19Page - Analog Devices AD9523-1/PCBZ Datasheet HTML 20Page - Analog Devices AD9523-1/PCBZ Datasheet HTML 21Page - Analog Devices AD9523-1/PCBZ Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 60 page
background image
AD9523-1
Rev. B | Page 18 of 60
–180
–170
–160
–150
–140
–130
–120
–110
–100
–90
–80
100
1k
10k
100k
1M
10M
FREQUENCY (Hz)
1: 1kHz, –120.0dBc/Hz
2: 10kHz, –130.6dBc/Hz
3: 100kHz, –137.4dBc/Hz
4: 1MHz, –145.7dBc/Hz
5: 10MHz, –159.6dBc/Hz
6: 40MHz, –160.3dBc/Hz
7: 800kHz, –143.7dBc/Hz
6
5
4
3
2
1
7
NOISE:
ANALYSIS RANGE x: START 10kHz TO STOP 40MHz
INTG NOISE: –78.1dBc/40MHz
RMS NOISE: 175.4µRAD
10.0mdeg
RMS JITTER: 151.4fsec
RESIDUAL FM: 2.1kHz
–180
–170
–160
–150
–140
–130
–120
–110
–100
–90
–80
100
1k
10k
100k
1M
10M
FREQUENCY (Hz)
1: 1kHz, –123.1dBc/Hz
2: 10kHz, –133.8dBc/Hz
3: 100kHz, –140.5dBc/Hz
4: 1MHz, –149.0Bc/Hz
5: 10MHz, –161.5dBc/Hz
6: 40MHz, –162.1dBc/Hz
7: 800kHz, –146.9dBc/Hz
6
5
4
3
2
1
7
NOISE:
ANALYSIS RANGE x: START 10kHz TO STOP 40MHz
INTG NOISE: –81.0dBc/40MHz
RMS NOISE: 126.6µRAD
7.3mdeg
RMS JITTER: 164.0fsec
RESIDUAL FM: 1.7kHz
Figure 13. Phase Noise, Output = 184.32 MHz
(VCXO = 122.88 MHz, Crystek VCXO CVHD-950); Doubler On
Figure 15. Phase Noise, Output = 122.88 MHz
(VCXO = 122.88 MHz, Crystek VCXO CVHD-950); Doubler On
–180
–170
–160
–150
–140
–130
–120
–110
–100
–90
–80
100
1k
10k
100k
1M
10M
FREQUENCY (Hz)
1: 1kHz, –118.3dBc/Hz
2: 10kHz, –127.5dBc/Hz
3: 100kHz, –126.0dBc/Hz
4: 1MHz, –151.8dBc/Hz
5: 10MHz, –159.6dBc/Hz
6: 40MHz, –160.3dBc/Hz
7: 800kHz, –149.5dBc/Hz
6
5
4
3
2
1
7
NOISE:
ANALYSIS RANGE x: START 10kHz
TO STOP 40MHz
INTG NOISE: –73.1dBc/40MHz
RMS NOISE: 312.0µRAD
17.9mdeg
RMS JITTER: 269.4fsec
RESIDUAL FM: 2.0kHz
–180
–170
–160
–150
–140
–130
–120
–110
–100
–90
–80
100
1k
10k
100k
1M
10M
FREQUENCY (Hz)
1: 1kHz, –122.0Bc/Hz
2: 10kHz, –130.7dBc/Hz
3: 100kHz, –129.3dBc/Hz
4: 1MHz, –154.9dBc/Hz
5: 10MHz, –161.5dBc/Hz
6: 40MHz, –162.1dBc/Hz
7: 800kHz, –152.7dBc/Hz
NOISE:
ANALYSIS RANGE x: START 10kHz
TO STOP 40MHz
INTG NOISE: –76.3dBc/40MHz
RMS NOISE: 217.0µRAD
12.4mdeg
RMS JITTER: 281.1fsec
RESIDUAL FM: 1.6kHz
6
5
4
3
2
1
7
Figure 14. Phase Noise, Output = 184.32 MHz
(VCXO = 122.88 MHz, Crystek VCXO CVHD-950); Doubler On;
Optimized for Low 800 kHz Offset Noise
Figure 16. Phase Noise, Output = 122.88 MHz
(VCXO = 122.88 MHz, Crystek VCXO CVHD-950); Doubler On;
Optimized for Low 800 kHz Offset Noise



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com