Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9523-1/PCBZ Datasheet(PDF) 43 Page - Analog Devices

Part # AD9523-1/PCBZ
Description  Low Jitter Clock Generator
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9523-1/PCBZ Datasheet(HTML) 43 Page - Analog Devices

Back Button AD9523-1/PCBZ Datasheet HTML 39Page - Analog Devices AD9523-1/PCBZ Datasheet HTML 40Page - Analog Devices AD9523-1/PCBZ Datasheet HTML 41Page - Analog Devices AD9523-1/PCBZ Datasheet HTML 42Page - Analog Devices AD9523-1/PCBZ Datasheet HTML 43Page - Analog Devices AD9523-1/PCBZ Datasheet HTML 44Page - Analog Devices AD9523-1/PCBZ Datasheet HTML 45Page - Analog Devices AD9523-1/PCBZ Datasheet HTML 46Page - Analog Devices AD9523-1/PCBZ Datasheet HTML 47Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 60 page
background image
AD9523-1
Rev. B | Page 43 of 60
Addr
(Hex)
Register
Name
(MSB)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
(LSB)
Bit 0
Default
Value
(Hex)
Other
0x230
Reserved
Reserved
Status Monitor 0 control
0x00
0x231
Reserved
Reserved
Status Monitor 1 control
0x00
0x232
Status signals
Reserved
Reserved
Reserved
Enable Status_
EEPROM on
STATUS0 pin
STATUS1
pin
divider
enable
STATUS0
pin
divider
enable
Reserved
Sync dividers
(manual
control)
0: sync signal
inactive
1: dividers
held in sync
(same as
SYNC pin low)
0x00
0x233
Power-down
control
Reserved
Reserved
Reserved
Reserved
Reserved
PLL1
power-
down
PLL2
power-down
Distribution
power-down
0x07
0x234
Update all
registers
Reserved
IO_Update
0x00
EEPROM Buffer
0xA00
Instruction (data)[7:0] (serial port configuration register)
0x00
0xA01
High byte of register address (serial port configuration register)
0x00
0xA02
EEPROM
Buffer Segment
Register 1 to
EEPROM
Buffer Segment
Register 3
Low byte of register address (serial port configuration register)
0x00
0xA03
Instruction (data)[7:0] (reaback control register)
0x02
0xA04
High byte of register address (reaback control register)
0x00
0xA05
EEPROM
Buffer Segment
Register 4 to
EEPROM
Buffer Segment
Register 6
Low byte of register address (reaback control register)
0x04
0xA06
Instruction (data)[7:0] (PLL segment)
0x0E
0xA07
High byte of register address (PLL segment)
0x00
0xA08
EEPROM
Buffer Segment
Register 7 to
EEPROM
Buffer Segment
Register 9
Low byte of register address (PLL segment)
0x10
0xA09
Instruction (data)[7:0] (PECL/CMOS output segment)
0x0E
0xA0A
High byte of register address (PECL/CMOS output segment)
0x00
0xA0B
EEPROM
Buffer Segment
Register 10 to
EEPROM
Buffer Segment
Register 12
Low byte of register address (PECL/CMOS output segment)
0xF0
0xA0C
Instruction (data)[7:0] (divider segment)
0x2B
0xA0D
High byte of register address (divider segment)
0x01
0xA0E
EEPROM
Buffer Segment
Register 13 to
EEPROM
Buffer Segment
Register 15
Low byte of register address (divider segment)
0x90
0xA0F
Instruction (data)[7:0] (clock input and REF segment)
0x01
0xA10
High byte of register address (clock input and REF segment)
0x01
0xA11
EEPROM
Buffer Segment
Register 16 to
EEPROM
Buffer Segment
Register 18
Low byte of register address (clock input and REF segment)
0xE0
0xA12
Instruction (data)[7:0] (other segment)
0x03
0xA13
High byte of register address (other segment)
0x02
0xA14
EEPROM
Buffer Segment
Register 19 to
EEPROM
Buffer Segment
Register 21
Low byte of register address (other segment)
0x30
0xA15
EEPROM
Buffer Segment
Register 22
I/O update
0x80



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com