Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9852ASQZ Datasheet(PDF) 33 Page - Analog Devices

Part # AD9852ASQZ
Description  CMOS 300 MSPS Complete DDS
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9852ASQZ Datasheet(HTML) 33 Page - Analog Devices

Back Button AD9852ASQZ Datasheet HTML 29Page - Analog Devices AD9852ASQZ Datasheet HTML 30Page - Analog Devices AD9852ASQZ Datasheet HTML 31Page - Analog Devices AD9852ASQZ Datasheet HTML 32Page - Analog Devices AD9852ASQZ Datasheet HTML 33Page - Analog Devices AD9852ASQZ Datasheet HTML 34Page - Analog Devices AD9852ASQZ Datasheet HTML 35Page - Analog Devices AD9852ASQZ Datasheet HTML 36Page - Analog Devices AD9852ASQZ Datasheet HTML 37Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 52 page
background image
AD9852
Rev. E | Page 33 of 52
A<5:0>
D<7:0>
RD
A1
D1
A2
D2
A3
D3
tRDHOZ
tRDLOV
tAHD
tADV
SPECIFICATION
tADV
tAHD
tRDLOV
tRDHOZ
VALUE
15ns
5ns
15ns
10ns
DESCRIPTION
ADDRESS TO DATA VALID TIME (MAXIMUM)
ADDRESS HOLD TIME TO RD SIGNAL INACTIVE (MINIMUM)
RD LOW TO OUTPUT VALID (MAXIMUM)
RD HIGH TO DATA THREE-STATE (MAXIMUM)
Figure 49. Parallel Port Read Timing Diagram
D<7:0>
D1
D2
D3
SPECIFICATION
tASU
tDSU
tADH
tDHD
tWRLOW
tWRHIGH
tWR
VALUE
8.0ns
3.0ns
0ns
0ns
2.5ns
7ns
10.5ns
DESCRIPTION
ADDRESS SETUP TIME TO WR SIGNAL ACTIVE
DATA SETUP TIME TO WR SIGNAL ACTIVE
ADDRESS HOLD TIME TO WR SIGNAL INACTIVE
DATA HOLD TIME TO WR SIGNAL INACTIVE
WR SIGNAL MINIMUM LOW TIME
WR SIGNAL MINIMUM HIGH TIME
MINIMUM WRITE TIME
tWR
A<5:0>
A1
A2
A3
tASU
tAHD
tWRHIGH
tWRLOW
tDHD
tDSU
WR
Figure 50. Parallel Port Write Timing Diagram
Table 10. Serial I/O Pin Requirements
Pin Number
Mnemonic
Serial I/O Description
1 to 8
D [7:0]
The parallel data pins are not active; tie these pins to VDD or GND.
14 to 16
A [5:3]
The A5, A4, and A3 parallel address pins are not active; tie these pins to VDD or GND.
17
A2/IO RESET
IO RESET.
18
A1/SDO
SDO.
19
A0/SDIO
SDIO.
20
I/O UD CLK
Update Clock. Same functionality for serial mode as parallel mode.
21
WR/SCLK
SCLK.
22
RD/CS
CS—Chip Select.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com