Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9852ASQZ Datasheet(PDF) 20 Page - Analog Devices

Part # AD9852ASQZ
Description  CMOS 300 MSPS Complete DDS
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9852ASQZ Datasheet(HTML) 20 Page - Analog Devices

Back Button AD9852ASQZ Datasheet HTML 16Page - Analog Devices AD9852ASQZ Datasheet HTML 17Page - Analog Devices AD9852ASQZ Datasheet HTML 18Page - Analog Devices AD9852ASQZ Datasheet HTML 19Page - Analog Devices AD9852ASQZ Datasheet HTML 20Page - Analog Devices AD9852ASQZ Datasheet HTML 21Page - Analog Devices AD9852ASQZ Datasheet HTML 22Page - Analog Devices AD9852ASQZ Datasheet HTML 23Page - Analog Devices AD9852ASQZ Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 52 page
background image
AD9852
Rev. E | Page 20 of 52
I/O UD CLK
F1
F2
0
FREQUENCY
MODE
TW1
TW2
010 (RAMPED FSK)
F1
F2
000 (DEFAULT)
0
0
REQUIRES A POSITIVE TWOS COMPLEMENT VALUE
RAMP RATE
DFW
FSK DATA (PIN 29)
Figure 34. Ramped FSK Mode (Start at F1)
F1
F2
0
FREQUENCY
MODE
TW1
TW2
FSK DATA (PIN 29)
010 (RAMPED FSK)
F1
F2
000 (DEFAULT)
0
0
I/O UD CLK
Figure 35. Ramped FSK Mode (Start at F2)
The purpose of ramped FSK is to provide better bandwidth
containment than can be achieved using traditional FSK. In
ramped FSK, the instantaneous frequency changes of traditional
FSK are replaced with more gradual, user-defined frequency
changes. The dwell time at F1 and F2 can be equal to or much
greater than the time spent at each intermediate frequency. The
user controls the dwell time at F1 and F2, the number of
intermediate frequencies, and the time spent at each frequency.
Unlike unramped FSK, ramped FSK requires the lowest
frequency to be loaded into the F1 registers and the highest
frequency to be loaded into the F2 registers.
Several registers must be programmed to instruct the DDS
regarding the resolution of intermediate frequency steps (48 bits)
and the time spent at each step (20 bits). Furthermore, the CLR
ACC1 bit in the control register should be toggled (low-high-low)
prior to operation to ensure that the frequency accumulator is
starting from an all 0s output condition.
For piecewise, nonlinear frequency transitions, it is necessary
to reprogram the registers while the frequency transition is in
progress to affect the desired response.
Parallel Register Address 1A hex to Parallel Register Address 1C
hex comprise the 20-bit ramp rate clock registers. This is a
countdown counter that outputs a single pulse whenever the
count reaches 0. The counter is activated any time a logic level
change occurs on the FSK input (Pin 29). This counter is run at
the system clock rate, 300 MHz maximum. The time period
between each output pulse is
(N + 1) × System Clock Period
where N is the 20-bit ramp rate clock value programmed by
the user.
The allowable range of N is from 1 to (220 − 1). The output of
this counter clocks the 48-bit frequency accumulator shown in



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com