Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9852ASQZ Datasheet(PDF) 15 Page - Analog Devices

Part # AD9852ASQZ
Description  CMOS 300 MSPS Complete DDS
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9852ASQZ Datasheet(HTML) 15 Page - Analog Devices

Back Button AD9852ASQZ Datasheet HTML 11Page - Analog Devices AD9852ASQZ Datasheet HTML 12Page - Analog Devices AD9852ASQZ Datasheet HTML 13Page - Analog Devices AD9852ASQZ Datasheet HTML 14Page - Analog Devices AD9852ASQZ Datasheet HTML 15Page - Analog Devices AD9852ASQZ Datasheet HTML 16Page - Analog Devices AD9852ASQZ Datasheet HTML 17Page - Analog Devices AD9852ASQZ Datasheet HTML 18Page - Analog Devices AD9852ASQZ Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 52 page
background image
AD9852
Rev. E | Page 15 of 52
RISE TIME
1.04ns
500ps/DIV
232mV/DIV
50
Ω INPUT
JITTER
[10.6ps RMS]
–33ps
0ps
+33ps
Figure 22. Typical Comparator Output Jitter, 40 MHz AOUT,
300 MHz REFCLK with REFCLK Multiplier Bypassed
REF1 RISE
1.174ns
C1 FALL
1.286ns
CH1
500mV
Ω
M 500ps CH1
980mV
Figure 23. Comparator Rise/Fall Times
FREQUENCY (MHz)
1200
0
1000
800
600
400
200
0
100
200
300
400
500
MINIMUM COMPARATOR
INPUT DRIVE
VCM = 0.5V
Figure 24. Comparator Toggle Voltage Requirement



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com