Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9852ASQZ Datasheet(PDF) 45 Page - Analog Devices

Part # AD9852ASQZ
Description  CMOS 300 MSPS Complete DDS
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9852ASQZ Datasheet(HTML) 45 Page - Analog Devices

Back Button AD9852ASQZ Datasheet HTML 41Page - Analog Devices AD9852ASQZ Datasheet HTML 42Page - Analog Devices AD9852ASQZ Datasheet HTML 43Page - Analog Devices AD9852ASQZ Datasheet HTML 44Page - Analog Devices AD9852ASQZ Datasheet HTML 45Page - Analog Devices AD9852ASQZ Datasheet HTML 46Page - Analog Devices AD9852ASQZ Datasheet HTML 47Page - Analog Devices AD9852ASQZ Datasheet HTML 48Page - Analog Devices AD9852ASQZ Datasheet HTML 49Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 52 page
background image
AD9852
Rev. E | Page 45 of 52
Item
Qty
Reference
Designator
Device
Package
Value
Min
Tol
Manufacturer
Manufacturer Part No.
24
1
TB1
TB4
4-position
terminal
N/A
N/A
Wieland Electric, Inc.
Plug: 25.602.2453.0;
terminal strip:
Z5.530.3425.0
25
1
U1
AD9852
SV-80
N/A
N/A
Analog Devices, Inc.
AD9852ASVZ
26
1
U2
74HC125D
14 SOIC
N/A
N/A
Texas Instruments
Incorporated
SN74HC125DR
27
1
U3
Primary:
MC10EP16DGOS
8 SOIC
N/A
N/A
ON Semiconductor
Primary:
MC10EP16DGOS
Secondary:
MC100LVEL16DGOS
8 SOIC
N/A
N/A
ON Semiconductor
Secondary:
MC100LVEL16DGOS
28
4
U4, U5, U6, U7
74HC14
14 SOIC
N/A
N/A
Texas Instruments
Incorporated
SN74HC14DR
29
3
U8, U9, U10
74HC574
20 SOIC
N/A
N/A
Texas Instruments
Incorporated
SN74HC574DWR
30
1
J11
C36CRPX
36CRP
N/A
N/A
Tyco Electronics
Corporation
5552742-1
31
6
W1, W2, W3,
W4, W8, W17
3-pin header
SIP-3P
N/A
N/A
Samtec, Inc.
TSW-103-07-S-S
32
10
W6, W7, W9,
W10, W11,
W12, W13,
W14, W15,
W16
2-pin header
SIP-2P
N/A
N/A
Samtec, Inc.
TSW-102-07-S-S
33
6
W1, W2,
W3, W4,
W8, W17
Jumpers
N/A
Black
N/A
Samtec, Inc.
SNT-100-BK-G
34
10
W6, W7, W9,
W10, W11,
W12, W13,
W14, W15,
W16
Jumpers
N/A
Black
N/A
Samtec, Inc.
SNT-100-BK-G
35
2
N/A
Self-tapping screw
4–40,
Phillips
pan head
N/A
N/A
90410A107
36
4
N/A
Adhesive feet
N/A
Black
N/A
3M
SJ-5518
37
1
AD9852/54 PCB
N/A
N/A
N/A
N/A
GS02669 REV. E
38
2
R14, R19
RES_SM
1206
0 Ω,
¼ W
5%
Panasonic-ECG
ERJ-8GEY0R00V
39
4
N/A
Pin socket
(open end)
Tyco Electronics
Corporation
5-5330808-6
40
1
Y1
XTAL
COSC
N/A
N/A
Optional
Optional



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com