Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9852ASQZ Datasheet(PDF) 39 Page - Analog Devices

Part # AD9852ASQZ
Description  CMOS 300 MSPS Complete DDS
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9852ASQZ Datasheet(HTML) 39 Page - Analog Devices

Back Button AD9852ASQZ Datasheet HTML 35Page - Analog Devices AD9852ASQZ Datasheet HTML 36Page - Analog Devices AD9852ASQZ Datasheet HTML 37Page - Analog Devices AD9852ASQZ Datasheet HTML 38Page - Analog Devices AD9852ASQZ Datasheet HTML 39Page - Analog Devices AD9852ASQZ Datasheet HTML 40Page - Analog Devices AD9852ASQZ Datasheet HTML 41Page - Analog Devices AD9852ASQZ Datasheet HTML 42Page - Analog Devices AD9852ASQZ Datasheet HTML 43Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 52 page
background image
AD9852
Rev. E | Page 39 of 52
inverse sinc filter, both DACs, and the on-board comparator
are enabled. Basic configuration means the output scaling
multipliers, the inverse sinc filter, the control DAC, and the
on-board comparator are disabled.
Figure 60 shows the approximate current consumed by each of
the four functions.
FREQUENCY (MHz)
1400
20
1200
1000
800
600
400
200
0
60
100
140
180
220
260
300
ALL CIRCUITS ENABLED
BASIC CONFIGURATION
NOTES
THIS GRAPH ASSUMES THAT THE AD9852 DEVICE IS SOLDERED
TO A MULTILAYER PCB PER THE RECOMMENDED BEST
MANUFACTURING PRACTICES AND PROCEDURES FOR THE
GIVEN PACKAGE TYPE.
Figure 59. Current Consumption vs. Clock Frequency
FREQUENCY (MHz)
20
60
100
140
180
220
260
300
450
400
350
300
250
200
150
0
100
50
CONTROL DAC
500
INVERSE SINC FILTER
OUTPUT SCALING
MULTIPLIERS
COMPARATOR
NOTES
THIS GRAPH ASSUMES THAT THE AD9852 DEVICE IS SOLDERED
TO A MULTILAYER PCB PER THE RECOMMENDED BEST
MANUFACTURING PRACTICES AND PROCEDURES FOR THE
GIVEN PACKAGE TYPE.
Figure 60. Current Consumption by Function vs. Clock Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com