Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9852ASQZ Datasheet(PDF) 17 Page - Analog Devices

Part # AD9852ASQZ
Description  CMOS 300 MSPS Complete DDS
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9852ASQZ Datasheet(HTML) 17 Page - Analog Devices

Back Button AD9852ASQZ Datasheet HTML 13Page - Analog Devices AD9852ASQZ Datasheet HTML 14Page - Analog Devices AD9852ASQZ Datasheet HTML 15Page - Analog Devices AD9852ASQZ Datasheet HTML 16Page - Analog Devices AD9852ASQZ Datasheet HTML 17Page - Analog Devices AD9852ASQZ Datasheet HTML 18Page - Analog Devices AD9852ASQZ Datasheet HTML 19Page - Analog Devices AD9852ASQZ Datasheet HTML 20Page - Analog Devices AD9852ASQZ Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 52 page
background image
AD9852
Rev. E | Page 17 of 52
TUNING
WORD
LOOP
FILTER
PHASE
COMPARATOR
REFERENCE
CLOCK
RF FREQUENCY
OUT
FILTER
AD9852
DDS
DIVIDE-BY-N
VCO
Figure 29. Agile High Frequency Synthesizer
REFERENCE
CLOCK
50
Ω
1:1 TRANSFORMER
THAT IS, Mini-Circuits® T1-1T
FILTER
50
Ω
DIFFERENTIAL
TRANSFORMER-COUPLED
OUTPUT
AD9852
DDS
IOUT
IOUT
Figure 30. Differential Output Connection for Reduction of Common-Mode Signals
μPROCESSOR/
CONTROLLER
FPGA, ETC.
RSET
8-BIT PARALLEL OR
SERIAL PROGRAMMING
DATA AND CONTROL
SIGNALS
AD9852
CMOS LOGIC CLOCK OUT
REFERENCE
CLOCK
300MHz MAX DIRECT
MODE OR 15MHz TO 75MHz
MAX IN THE 4
× TO 20× CLOCK
MULTIPLIER MODE
2k
Ω
COSINE
DAC
NOTES
1. IOUT = APPROXIMATELY 20mA MAX WHEN RSET = 2kΩ.
2. SWITCH POSITION 1 PROVIDES COMPLEMENTARY
SINUSOIDAL SIGNALS TO THE COMPARATOR TO
PRODUCE A FIXED 50% DUTY CYCLE FROM THE
COMPARATOR.
3. SWITCH POSITION 2 PROVIDES A USER-PROGRAMMABLE
DC THRESHOLD VOLTAGE TO ALLOW SETTING OF THE
COMPARATOR DUTY CYCLE.
LOW-PASS
FILTER
LOW-PASS
FILTER
CONTROL
DAC
1
2
Figure 31. Frequency Agile Clock Generator Applications for the AD9852



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com