Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9852ASQZ Datasheet(PDF) 19 Page - Analog Devices

Part # AD9852ASQZ
Description  CMOS 300 MSPS Complete DDS
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9852ASQZ Datasheet(HTML) 19 Page - Analog Devices

Back Button AD9852ASQZ Datasheet HTML 15Page - Analog Devices AD9852ASQZ Datasheet HTML 16Page - Analog Devices AD9852ASQZ Datasheet HTML 17Page - Analog Devices AD9852ASQZ Datasheet HTML 18Page - Analog Devices AD9852ASQZ Datasheet HTML 19Page - Analog Devices AD9852ASQZ Datasheet HTML 20Page - Analog Devices AD9852ASQZ Datasheet HTML 21Page - Analog Devices AD9852ASQZ Datasheet HTML 22Page - Analog Devices AD9852ASQZ Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 52 page
background image
AD9852
Rev. E | Page 19 of 52
Table 7. Function Availability vs. Mode of Operation
Function
Single-Tone Mode
FSK Mode
Ramped FSK Mode
Chirp Mode
BPSK Mode
Phase Adjust 1
Phase Adjust 2
Single-Pin FSK/BPSK or HOLD
Single-Pin Output Shaped Keying
Phase Offset or Modulation
Amplitude Control or Modulation
Inverse Sinc Filter
Frequency Tuning Word 1
Frequency Tuning Word 2
Automatic Frequency Sweep
UNRAMPED FSK (MODE 001)
When this mode is selected, the output frequency of the DDS is
a function of the values loaded into Frequency Tuning Word
Register 1 and Frequency Tuning Word Register 2 and the logic
level of Pin 29 (FSK/BPSK/HOLD). A logic low on Pin 29
chooses F1 (Frequency Tuning Word 1, Parallel Address 4 hex
to Parallel Address 9 hex), and a logic high chooses F2
(Frequency Tuning Word 2, Parallel Register Address A hex to
Parallel Register Address F hex). Changes in frequency are
phase continuous and are internally coincident with the FSK
data pin (Pin 29); however, there is deterministic pipeline delay
between the FSK data signal and the DAC output (see Table 1).
The unramped FSK mode (see Figure 33) is representative
of traditional FSK, radio teletype (RTTY), or teletype (TTY)
transmission of digital data. FSK is a very reliable means of
digital communication; however, it makes inefficient use of
the bandwidth in the RF spectrum. Ramped FSK, shown in
Figure 34, is a method of conserving the bandwidth.
RAMPED FSK (MODE 010)
In this method of FSK, changes from F1 to F2 are not
instantaneous, but are accomplished in a frequency sweep or
ramped fashion. The ramped notation implies the sweep is
linear. Although linear sweeping, or frequency ramping, is
easily and automatically accomplished, it is only one of many
possibilities. Other frequency transition schemes can be
implemented by changing the ramp rate and ramp step size at
any time during operation.
Frequency ramping, whether linear or nonlinear, necessitates
that many intermediate frequencies between F1 and F2 are
output in addition to the primary F1 and F2 frequencies.
Figure 34 and Figure 35 graphically depict the frequency vs.
time characteristics of a linear ramped FSK signal.
In ramped FSK mode, the delta frequency word (DFW) is
required to be programmed as a positive twos complement
value. Another requirement is that the lowest frequency (F1) be
programmed in the Frequency Tuning Word 1 registers.
F1
F2
0
FREQUENCY
MODE
TW1
TW2
FSK DATA (PIN 29)
001 (FSK NO RAMP)
F1
F2
000 (DEFAULT)
0
0
I/O UD CLK
Figure 33. Unramped (Traditional) FSK Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com