Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DOC8228 Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # DOC8228
Description  ZigBit??2.4 GHz Amplified Wireless Modules
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

DOC8228 Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button DOC8228 Datasheet HTML 6Page - List of Unclassifed Manufacturers DOC8228 Datasheet HTML 7Page - List of Unclassifed Manufacturers DOC8228 Datasheet HTML 8Page - List of Unclassifed Manufacturers DOC8228 Datasheet HTML 9Page - List of Unclassifed Manufacturers DOC8228 Datasheet HTML 10Page - List of Unclassifed Manufacturers DOC8228 Datasheet HTML 11Page - List of Unclassifed Manufacturers DOC8228 Datasheet HTML 12Page - List of Unclassifed Manufacturers DOC8228 Datasheet HTML 13Page - List of Unclassifed Manufacturers DOC8228 Datasheet HTML 14Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
ZigBit™ 2.4 GHz Amplified Wireless Modules
3-7
8228B–MCU Wireless–06/09
Section 3
Specifications
3.1
Electrical Characteristics
3.1.1
Absolute Maximum Ratings
Notes:
1. Absolute Maximum Ratings are the values beyond which damage to the device may occur. Under no
circumstances must the absolute maximum ratings given in this table be violated. Stresses beyond
those listed under "Absolute Maximum Ratings" may cause permanent damage to the device.
This is a stress rating only. Functional operation of the device at these or other conditions, beyond those
indicated in the operational sections of this specification, is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device reliability.
2. Attention! ZigBit AMP is an ESD-sensitive device. Precaution should be taken when handling the
device in order to prevent permanent damage.
3.1.2
Test Conditions
,
Note:
1. The parameters are measured under the following conditions:
a) RMS, BitCloud Software is running at 4 MHz clock rate, DTR line management is turned off
b) All interfaces are set to the default state (see Pin Assignment Table)
c) Output TX power (when measuring consumption in TX mode) is +20dBm
d) JTAG is not connected
Table 3-1. Absolute Maximum Ratings
(1)(2)
Parameters
Min
Max
Voltage on any pin, except RESET with respect to Ground
-0.5V
VCC + 0.5V
DC Current per I/O Pin
40 mA
DC Current DVCC and DGND pins
300 mA
Input RF Level
+5 dBm
Table 3-2. Test conditions (unless otherwise stated) F = 2.45 GHz, V
CC =3V, Tamb =25°C
Parameters
Range
Unit
Supply Voltage, VCC
3.0 to 3.6
V
Current Consumption: RX mode
23
mA
Current Consumption: TX mode
(1)
50
mA
Current Consumption: Power-save mode
(1)
< 6
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com