Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DOC8228 Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # DOC8228
Description  ZigBit??2.4 GHz Amplified Wireless Modules
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

DOC8228 Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button DOC8228 Datasheet HTML 5Page - List of Unclassifed Manufacturers DOC8228 Datasheet HTML 6Page - List of Unclassifed Manufacturers DOC8228 Datasheet HTML 7Page - List of Unclassifed Manufacturers DOC8228 Datasheet HTML 8Page - List of Unclassifed Manufacturers DOC8228 Datasheet HTML 9Page - List of Unclassifed Manufacturers DOC8228 Datasheet HTML 10Page - List of Unclassifed Manufacturers DOC8228 Datasheet HTML 11Page - List of Unclassifed Manufacturers DOC8228 Datasheet HTML 12Page - List of Unclassifed Manufacturers DOC8228 Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
Zigbit
™ Module Overview
ZigBit™ 2.4 GHz Amplified Wireless Modules
2-6
8228B–MCU Wireless–06/09
To jumpstart evaluation and development, Atmel also offers a complete set of evaluation and develop-
ment tools. The new ZigBit Amp Development Kit [7] (ATZB-DK-A24) comes with everything you need to
create custom applications featuring ZigBit Amp module.
The kit features MeshBean development boards with an easy-to-access extension connector for attach-
ing third party sensors and other peripherals, and a JTAG connector for easy application uploading and
debugging.
The kit also includes reference applications to speed up application development, source code for hard-
ware interface layer and reference drivers for the all the module interfaces, intuitive development
environment from Atmel, and comprehensive set of application notes and product tutorials.
ZigBit Amp modules comes bundled with BitCloud, a 2
nd generation embedded software stack from
Atmel. BitCloud is fully compliant with ZigBee PRO and ZigBee standards for wireless sensing and con-
trol [7], [8], [9], and it provides an augmented set of APIs which, while maintaining 100% compliance with
the standard, offer extended functionality designed with developer's convenience and ease-of-use in
mind.
Depending on end-user design requirements, ZigBit Amp can operate as a self-contained sensor node,
where it would function as a single MCU, or it can be paired with a host processor driving the module
over a serial interface. In the former case, a user application may be used with the BitCloud software
allowing customization of embedded applications through BitCloud's C API.
In the latter case, the host processor controls data transmission and manages module peripherals via an
extensive set of SerialNet AT commands. Thus, no firmware customization is required for a successful
module design-in. Additionally, third-party sensors can be connected directly to the module, thus
expanding the existing set of peripheral interfaces.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com