Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DOC8228 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # DOC8228
Description  ZigBit??2.4 GHz Amplified Wireless Modules
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

DOC8228 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  DOC8228 Datasheet HTML 1Page - List of Unclassifed Manufacturers DOC8228 Datasheet HTML 2Page - List of Unclassifed Manufacturers DOC8228 Datasheet HTML 3Page - List of Unclassifed Manufacturers DOC8228 Datasheet HTML 4Page - List of Unclassifed Manufacturers DOC8228 Datasheet HTML 5Page - List of Unclassifed Manufacturers DOC8228 Datasheet HTML 6Page - List of Unclassifed Manufacturers DOC8228 Datasheet HTML 7Page - List of Unclassifed Manufacturers DOC8228 Datasheet HTML 8Page - List of Unclassifed Manufacturers DOC8228 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
Introduction
ZigBit™ 2.4 GHz Amplified Wireless Modules
1-2
8228B–MCU Wireless–06/09
1.3
Key Features
• Ultra compact size (38.0 x 13.5 x 2.0 mm)
• High RX sensitivity (-104 dBm)
• Outperforming link budget (up to 124 dB)
• Up to +20 dBm output power
• Very low power consumption:
– < 6 µA in Sleep mode,
– 23 mA in RX mode,
– 50 mA in TX mode
• Ample memory resources (128K bytes of flash memory, 8K bytes RAM, 4K bytes EEPROM)
• Wide range of interfaces (both analog and digital):
– 9 spare GPIO, 2 spare IRQ lines
– 4 ADC lines + 1 line for supply voltage control (up to 9 lines with JTAG disabled)
– UART with CTS/RTS control
–USART
–I2C
– SPI
–1-Wire
– Up to 30 lines configurable as GPIO
• Capability to use MAC address written into EEPROM
• IEEE 802.15.4 compliant transceiver
• 2.4 GHz ISM band
• BitCloud embedded software, including serial bootloader and AT command set
1.4
Benefits
• Extended range through additional PA and LNA
• Ultra low power consumption combined with unprecedented range
• Rapid design-in with built-in U.FL connector (ATZB-A24-UFL)
• Flexibility in using a different external antenna for every application
• Small physical footprint and low profile for optimum fit in even the smallest of devices
• Mesh networking capability
• Easy-to-use low cost Development Kit
• Single source of support for HW and SW
• Worldwide license-free operation
1.5
Abbreviations and Acronyms
ADC
Analog-to -Digital Converter
API
Application Programming Interface
DC
Direct Current
DTR
Data Terminal Ready
EEPROM
Electrically Erasable Programmable Read-Only Memory
ESD
Electrostatic Discharge



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com