Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DOC8228 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # DOC8228
Description  ZigBit??2.4 GHz Amplified Wireless Modules
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

DOC8228 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  DOC8228 Datasheet HTML 1Page - List of Unclassifed Manufacturers DOC8228 Datasheet HTML 2Page - List of Unclassifed Manufacturers DOC8228 Datasheet HTML 3Page - List of Unclassifed Manufacturers DOC8228 Datasheet HTML 4Page - List of Unclassifed Manufacturers DOC8228 Datasheet HTML 5Page - List of Unclassifed Manufacturers DOC8228 Datasheet HTML 6Page - List of Unclassifed Manufacturers DOC8228 Datasheet HTML 7Page - List of Unclassifed Manufacturers DOC8228 Datasheet HTML 8Page - List of Unclassifed Manufacturers DOC8228 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
ZigBit™ 2.4 GHz Amplified Wireless Modules
1-1
8228B–MCU Wireless–06/09
Section 1
Introduction
1.1
Summary
ZigBit™ Am p is an ultra-comp act, extended ran ge, low-power, hig h -sensitivity 2.4GHz
IEEE 802.15.4/ZigBee
® OEM module from Atmel. Based on the innovative Atmel's mixed-signal hard-
ware platform, this module is enhanced by an output power amplifier and an input low-noise amplifier,
and is designed for wireless sensing, monitoring & control and data acquisition applications. ZigBit Amp
modules eliminate the need for costly and time-consuming RF development, and shortens time to mar-
ket for wireless applications with extended range requirements.
Two different versions of ZigBit 2.4 GHz Amplified modules are available: ATZB-A24-UFL with built-in
U.FL antenna connector and the ATZB-A24-U0 with unbalanced RF output. These modules are an addi-
tion to the ZigBit family represented by ATZB-24-A2 and ATZB-24-B0. In addition Atmel offer the ZigBit
900 MHz Wireless Module ATZB-900-B0 [2].
1.2
Applications
ZigBit module is compatible with robust IEEE 802.15.4/ZigBee stack that supports a self-healing, self-
organizing mesh network, while optimizing network traffic and minimizing power consumption. Atmel
offers two stack configurations: BitCloud and SerialNet. BitCloud is a ZigBee PRO certified software
development platform supporting reliable, scalable, and secure wireless applications running on Atmel’s
ZigBit modules. SerialNet allows programming of the module via serial AT-command interface.
The applications include, but are not limited to:
• Building automation & monitoring
– Lighting controls
– Wireless smoke and CO detectors
– Structural integrity monitoring
• HVAC monitoring & control
• Inventory management
• Environmental monitoring
• Security
• Water metering
• Industrial monitoring
– Machinery condition and performance monitoring
– Monitoring of plant system parameters such as temperature, pressure, flow, tank level, humidity,
vibration, etc.
• Automated meter reading (AMR)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com