Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DOC8228 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # DOC8228
Description  ZigBit??2.4 GHz Amplified Wireless Modules
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

DOC8228 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  DOC8228 Datasheet HTML 1Page - List of Unclassifed Manufacturers DOC8228 Datasheet HTML 2Page - List of Unclassifed Manufacturers DOC8228 Datasheet HTML 3Page - List of Unclassifed Manufacturers DOC8228 Datasheet HTML 4Page - List of Unclassifed Manufacturers DOC8228 Datasheet HTML 5Page - List of Unclassifed Manufacturers DOC8228 Datasheet HTML 6Page - List of Unclassifed Manufacturers DOC8228 Datasheet HTML 7Page - List of Unclassifed Manufacturers DOC8228 Datasheet HTML 8Page - List of Unclassifed Manufacturers DOC8228 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
ZigBit™ 2.4 GHz Amplified Wireless Modules
i
8228B–MCU Wireless–06/09
Table of Contents
Section 1
1.1
Summary............................................................................................................................ 1-1
1.2
Applications........................................................................................................................ 1-1
1.3
Key Features...................................................................................................................... 1-2
1.4
Benefits .............................................................................................................................. 1-2
1.5
Abbreviations and Acronyms ............................................................................................. 1-2
1.6
Related Documents ........................................................................................................... 1-4
Section 2
2.1
Overview ............................................................................................................................ 2-5
Section 3
3.1
Electrical Characteristics.................................................................................................... 3-7
3.1.1
Absolute Maximum Ratings ................................................................................. 3-7
3.1.2
Test Conditions.................................................................................................... 3-7
3.1.3
RF Characteristics ............................................................................................... 3-8
3.1.4
ATmega1281V Microcontroller Characteristics ................................................... 3-8
3.1.5
Module Interfaces characteristics ........................................................................ 3-8
3.2
Physical/Environmental Characteristics and Outline ......................................................... 3-9
3.3
Pin Configuration ............................................................................................................. 3-10
3.4
Mounting Information ....................................................................................................... 3-14
3.5
Soldering Profile............................................................................................................... 3-14
3.6
Antenna Reference Design.............................................................................................. 3-15
Section 4
4.1
Ordering Information ........................................................................................................ 4-16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com