Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DOC8228 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # DOC8228
Description  ZigBit??2.4 GHz Amplified Wireless Modules
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

DOC8228 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button DOC8228 Datasheet HTML 2Page - List of Unclassifed Manufacturers DOC8228 Datasheet HTML 3Page - List of Unclassifed Manufacturers DOC8228 Datasheet HTML 4Page - List of Unclassifed Manufacturers DOC8228 Datasheet HTML 5Page - List of Unclassifed Manufacturers DOC8228 Datasheet HTML 6Page - List of Unclassifed Manufacturers DOC8228 Datasheet HTML 7Page - List of Unclassifed Manufacturers DOC8228 Datasheet HTML 8Page - List of Unclassifed Manufacturers DOC8228 Datasheet HTML 9Page - List of Unclassifed Manufacturers DOC8228 Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
Introduction
ZigBit™ 2.4 GHz Amplified Wireless Modules
1-3
8228B–MCU Wireless–06/09
GPIO
General Purpose Input/Output
HAF
High Frequency
HVAC
Heating, Ventilating and Air Conditioning
HW
Hardware
I2C
Inter-Integrated Circuit
IEEE
Institute of Electrical and Electrionics Engineers
IRQ
Interrupt Request
ISM
Industrial, Scientific and Medical radio band
JTAG
Digital interface for debugging of embedded device, also known as IEEE 1149.1 standard
interface
LNA
Low Noise Amplifier
MAC
Medium Access Control layer
MCU
Microcontroller Unit. In this document it also means the processor, which is the core of ZigBit
module
NRE
Network layer
OEM
Non-Recurring Engineering
OTA
Over-The-Air upgrade
PA
Power Amplifier
PCB
Printed Circuit Board
PER
Package Error Ratio
RAM
Random Access Memory
RF
Radio Frequency
RTS/CTS
Request to Send/ Clear to Send
RX
Receiver
SMA
Surface Mount Assembly
SPI
Serial Peripheral Interface
SW
Software
TTM
Time To Market
TX
Transmitter
UART
Universal Asynchronous Receiver/Transmitter
USART
Universal Synchronous/Asynchronous Receiver/Transmitter
USB
Universal Serial Bus
ZDK
ZigBit Development Kit
ZigBee,
ZigBee PRO
Wireless networking standards targeted at low-power applications
802.15.4
The IEEE 802.15.4-2003 standard applicable to low-rate wireless Personal Area Network



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com